Electronic Components Datasheet Search
  English  ▼

X  

NE685 Datasheet(PDF) 5 Page - NEC

Part # NE685
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE685 Datasheet(HTML) 5 Page - NEC

  NE685 Datasheet HTML 1Page - NEC NE685 Datasheet HTML 2Page - NEC NE685 Datasheet HTML 3Page - NEC NE685 Datasheet HTML 4Page - NEC NE685 Datasheet HTML 5Page - NEC NE685 Datasheet HTML 6Page - NEC NE685 Datasheet HTML 7Page - NEC NE685 Datasheet HTML 8Page - NEC NE685 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NE68518
VCE = 0.5 V, IC = 0.5 mA
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.995
-7.200
1.819
170.500
0.030
88.600
0.997
-3.900
0.024
17.827
0.4
0.941
-29.200
1.756
148.100
0.107
67.200
0.969
-22.000
0.168
12.151
0.8
0.844
-56.800
1.619
119.000
0.193
45.300
0.893
-42.700
0.331
9.237
1.0
0.783
-69.300
1.530
106.100
0.225
35.800
0.853
-51.500
0.410
8.325
1.5
0.644
-99.500
1.331
77.200
0.263
15.800
0.750
-69.200
0.610
7.042
2.0
0.542
-126.400
1.163
53.400
0.279
-0.100
0.675
-84.400
0.792
6.200
2.5
0.469
-152.900
1.054
32.400
0.280
-13.000
0.629
-96.600
0.952
5.757
3.0
0.421
-179.100
0.965
14.800
0.283
-23.900
0.582
-108.400
1.097
3.431
0.1
0.759
-22.200
22.471
157.900
0.018
81.900
0.906
-15.600
0.205
30.963
0.4
0.451
-68.600
13.915
114.600
0.047
62.800
0.646
-40.900
0.597
24.714
0.8
0.249
-101.700
8.120
88.400
0.068
51.600
0.472
-51.300
0.890
20.770
1.0
0.184
-116.600
6.664
79.400
0.079
50.400
0.435
-55.200
0.965
19.261
1.5
0.111
-153.200
4.559
61.500
0.114
45.400
0.398
-63.600
1.024
15.071
2.0
0.080
169.100
3.474
46.300
0.143
39.500
0.382
-73.500
1.072
12.212
2.5
0.078
130.600
2.832
31.700
0.172
30.800
0.372
-80.700
1.094
10.294
3.0
0.084
95.900
2.402
18.900
0.203
21.100
0.367
-90.700
1.100
8.809
4.0
0.149
68.500
1.921
-6.500
0.268
2.500
0.311
-112.900
1.080
6.829
5.0
0.282
46.400
1.635
-32.300
0.322
-17.000
0.208
-155.700
1.070
5.438
0.1
0.985
-8.500
3.481
169.900
0.023
82.400
0.985
-5.500
0.108
21.800
0.4
0.917
-32.500
3.293
146.500
0.086
66.300
0.956
-24.300
0.172
15.831
0.8
0.771
-62.700
2.879
117.800
0.144
44.100
0.847
-45.300
0.347
13.009
1.0
0.696
-76.000
2.653
105.300
0.165
35.500
0.789
-53.300
0.440
12.063
1.5
0.536
-105.900
2.160
78.600
0.191
21.800
0.675
-70.500
0.634
10.534
2.0
0.430
-133.000
1.798
56.600
0.210
7.200
0.601
-83.800
0.831
9.326
2.5
0.361
-160.200
1.559
37.700
0.214
-0.900
0.554
-94.000
0.998
8.624
3.0
0.310
173.400
1.385
21.000
0.229
-7.500
0.513
-104.500
1.118
5.724
4.0
0.303
116.300
1.173
-10.100
0.255
-20.700
0.436
-130.100
1.253
3.601
0.1
0.986
-7.100
3.465
170.500
0.018
83.900
0.996
-4.400
0.103
22.844
0.4
0.926
-29.800
3.301
148.800
0.063
67.000
0.970
-21.200
0.174
17.193
0.8
0.799
-57.100
2.949
121.700
0.116
47.000
0.878
-39.900
0.345
14.052
1.0
0.728
-69.600
2.743
109.700
0.139
39.100
0.834
-47.800
0.419
12.952
1.5
0.573
-98.500
2.275
83.400
0.161
24.100
0.732
-63.800
0.610
11.502
2.0
0.455
-123.900
1.921
61.500
0.180
11.100
0.671
-76.200
0.789
10.283
2.5
0.364
-150.100
1.664
42.300
0.189
4.400
0.628
-85.500
0.944
9.447
3.0
0.311
-174.900
1.471
25.900
0.196
-4.300
0.586
-96.200
1.102
6.805
4.0
0.270
124.900
1.252
-5.200
0.226
-11.500
0.520
-118.800
1.207
4.685
VCE = 1.0 V, IC = 1.0 mA
VCE = 3.0 V, IC = 10 mA
VCE = 2.5 V, IC = 1.0 mA
NE685 SERIES
Note: 1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Coordinates in Ohms
Frequency in GHz
(VCE = 2.5 V, IC = 1 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
4 GHz
S11
4 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
0˚
.025
.020
.015
.010
3
2
1
.05
S12
0.1 GHz
S12
4 GHz
S21
0.1 GHz
S21
4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com