Electronic Components Datasheet Search
  English  ▼

X  

NE685 Datasheet(PDF) 10 Page - NEC

Part # NE685
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE685 Datasheet(HTML) 10 Page - NEC

Back Button NE685 Datasheet HTML 6Page - NEC NE685 Datasheet HTML 7Page - NEC NE685 Datasheet HTML 8Page - NEC NE685 Datasheet HTML 9Page - NEC NE685 Datasheet HTML 10Page - NEC NE685 Datasheet HTML 11Page - NEC NE685 Datasheet HTML 12Page - NEC NE685 Datasheet HTML 13Page - NEC NE685 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NE685 SERIES
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
Parameters
NE68518
CCB
0.13e-12
CCE
0.14e-12
LB
1.55e-9
LC
1.25e-9
LE
0.94e-9
CCBPKG
0.066e-12
CCEPKG
0.44e-12
CBEPKG
0.36e-12
LBX
0.18e-9
LCX
0.18e-9
LEX
0.09e-9
NE68518 NONLINEAR MODEL
ADDITIONAL PARAMETERS
UNITS
MODEL RANGE
Frequency:
0.05 to 3.0 GHz
Bias:
VCE = 0.5 V to 3.0 V, IC = 0.5 mA to 20 mA
SCHEMATIC
(1) Gummel-Poon Model
BJT NONLINEAR MODEL PARAMETERS (1)
Parameters
Q1
Parameters
Q1
IS
7e-16
MJC
0.34
BF
109
XCJC
0
NF
1
CJS
0
VAF15
VJS
0.75
IKF
0.19
MJS
0
ISE
7.9e-13
FC
0.5
NE
2.19
TF
2e-12
BR
1
XTF
5.2
NR
1.08
VTF
4.58
VAR
12.4
ITF
0.011
IKR
Infinity
PTF
0
ISC
0
TR
1e-9
NC
2
EG
1.11
RE
1.3
XTB
0
RB
10
XTI
3
RBM
8.34
KF
0
IRB
0.009
AF
1
RC
10
CJE
0.4e-12
VJE
0.81
MJE
0.5
CJC
0.18e-12
VJC
0.75
Base
Emitter
Collector
LBX
LB
LEX
LE
LC
LCX
CCBPKG
CCB
CCE
CCEPKG
CBEPKG
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com