Electronic Components Datasheet Search
  English  ▼

X  

NE685 Datasheet(PDF) 7 Page - NEC

Part # NE685
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE685 Datasheet(HTML) 7 Page - NEC

Back Button NE685 Datasheet HTML 3Page - NEC NE685 Datasheet HTML 4Page - NEC NE685 Datasheet HTML 5Page - NEC NE685 Datasheet HTML 6Page - NEC NE685 Datasheet HTML 7Page - NEC NE685 Datasheet HTML 8Page - NEC NE685 Datasheet HTML 9Page - NEC NE685 Datasheet HTML 10Page - NEC NE685 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NE68530
VCE = 0.5 V, IC = 0.5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
VCE = 1.0 V, IC = 1.0 mA
VCE = 3.0 V, IC = 10 mA
VCE = 2.5 V, IC = 1.0 mA
0.1
0.764
-21.200
20.910
154.700
0.020
82.600
0.910
-15.900
0.241
30.193
0.4
0.414
-54.500
11.575
114.900
0.052
72.800
0.590
-31.900
0.732
23.475
0.8
0.224
-63.500
6.493
96.100
0.091
71.000
0.457
-31.300
0.946
18.534
1.0
0.181
-63.500
5.306
90.300
0.109
70.500
0.433
-30.900
0.989
16.873
1.5
0.112
-57.800
3.640
80.700
0.157
73.300
0.396
-30.600
1.035
12.510
2.0
0.090
-42.600
2.805
72.600
0.202
70.700
0.389
-32.300
1.054
10.009
2.5
0.086
-27.100
2.314
66.400
0.250
69.600
0.392
-34.300
1.048
8.331
3.0
0.090
-16.300
2.002
60.500
0.292
67.100
0.389
-36.400
1.047
7.030
4.0
0.098
6.000
1.619
50.800
0.379
63.200
0.374
-41.800
1.033
5.200
5.0
0.119
48.700
1.441
42.600
0.464
57.500
0.307
-49.900
1.009
4.333
0.1
0.975
-6.900
3.412
171.000
0.022
83.700
0.990
-4.700
0.106
21.906
0.4
0.905
-26.200
3.207
151.400
0.078
72.200
0.948
-16.300
0.220
16.140
0.8
0.756
-48.000
2.779
128.300
0.138
60.800
0.841
-28.000
0.410
13.040
1.0
0.682
-57.100
2.569
118.500
0.156
56.100
0.792
-32.300
0.506
12.166
1.5
0.509
-75.600
2.098
100.000
0.188
51.600
0.679
-38.900
0.727
10.476
2.0
0.387
-89.500
1.762
85.500
0.208
50.400
0.616
-43.100
0.909
9.279
2.5
0.289
-102.100
1.550
74.500
0.223
53.100
0.577
-45.600
1.042
7.169
3.0
0.207
-114.700
1.397
65.200
0.247
55.100
0.548
-47.900
1.118
5.439
4.0
0.079
-165.800
1.190
51.000
0.315
61.100
0.510
-53.000
1.133
3.557
0.1
0.986
-7.300
3.516
170.100
0.025
85.700
0.993
-4.800
0.082
21.481
0.4
0.900
-28.100
3.231
150.600
0.098
71.400
0.939
-18.100
0.220
15.181
0.8
0.735
-52.300
2.766
126.000
0.167
58.000
0.812
-32.000
0.418
12.191
1.0
0.651
-63.100
2.541
115.400
0.190
52.900
0.747
-37.300
0.516
11.263
1.5
0.463
-87.200
2.070
94.800
0.228
45.400
0.609
-46.400
0.741
9.580
2.0
0.339
-109.400
1.735
79.200
0.248
42.300
0.521
-52.900
0.922
8.448
2.5
0.258
-135.300
1.517
66.600
0.265
42.400
0.458
-59.300
1.053
6.169
3.0
0.219
-160.300
1.358
57.100
0.285
43.800
0.419
-65.400
1.131
4.582
4.0
0.220
149.000
1.143
41.200
0.341
46.700
0.377
-79.400
1.163
2.803
0.1
0.986
-6.400
1.839
171.000
0.030
84.600
0.997
-4.000
0.098
17.875
0.4
0.938
-24.300
1.763
152.600
0.121
72.200
0.963
-15.800
0.207
11.635
0.8
0.821
-47.300
1.612
128.100
0.213
57.300
0.873
-29.300
0.384
8.790
1.0
0.749
-58.200
1.542
117.000
0.246
51.000
0.821
-35.000
0.472
7.971
1.5
0.581
-82.800
1.356
93.900
0.298
38.700
0.695
-46.100
0.685
6.580
2.0
0.457
-106.100
1.198
76.100
0.313
30.900
0.607
-54.900
0.863
5.829
2.5
0.368
-130.100
1.091
61.700
0.310
27.300
0.542
-63.100
1.030
4.410
3.0
0.323
-155.200
1.007
51.400
0.302
27.500
0.501
-71.000
1.162
2.791
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE685 SERIES
Note:
1. Gain Calculation:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Coordinates in Ohms
Frequency in GHz
(VCE = 2.5 V, IC = 1 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
4 GHz
S11
4 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
0˚
3
2
1
.4
.3
.2
.1
S12
0.1 GHz
S21
4 GHz
S21
0.1 GHz
S12
4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com