Electronic Components Datasheet Search
  English  ▼

X  

NE685 Datasheet(PDF) 9 Page - NEC

Part # NE685
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE685 Datasheet(HTML) 9 Page - NEC

Back Button NE685 Datasheet HTML 5Page - NEC NE685 Datasheet HTML 6Page - NEC NE685 Datasheet HTML 7Page - NEC NE685 Datasheet HTML 8Page - NEC NE685 Datasheet HTML 9Page - NEC NE685 Datasheet HTML 10Page - NEC NE685 Datasheet HTML 11Page - NEC NE685 Datasheet HTML 12Page - NEC NE685 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NE68539
VCE = 0.5 V, IC = 0.5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
0.1
0.983
-4.600
1.823
172.300
0.028
83.300
0.996
-3.000
0.144
18.136
0.4
0.949
-24.900
1.773
153.300
0.111
71.600
0.977
-15.000
0.194
12.034
0.8
0.839
-49.500
1.684
129.000
0.204
56.000
0.882
-29.200
0.349
9.167
1.0
0.771
-61.500
1.629
117.900
0.243
47.900
0.832
-35.600
0.435
8.263
1.5
0.599
-93.900
1.483
91.400
0.299
31.300
0.687
-50.600
0.624
6.955
2.0
0.477
-126.900
1.320
69.800
0.320
18.900
0.572
-63.000
0.786
6.154
2.5
0.424
-160.200
1.180
52.000
0.310
9.800
0.486
-75.500
0.944
5.805
3.0
0.425
171.800
1.042
37.100
0.294
4.300
0.430
-88.700
1.107
3.506
VCE = 1.0 V, IC = 1.0 mA
VCE = 3.0 V, IC = 10 mA
VCE = 2.5 V, IC = 1.0 mA
0.1
0.965
-6.400
3.534
171.400
0.025
86.300
0.994
-3.900
0.082
21.503
0.4
0.906
-29.000
3.355
151.200
0.088
71.600
0.951
-17.600
0.186
15.812
0.8
0.753
-56.200
3.000
126.600
0.156
55.400
0.823
-32.200
0.379
12.840
1.0
0.667
-69.300
2.801
116.000
0.179
48.400
0.757
-38.400
0.469
11.945
1.5
0.478
-103.100
2.346
91.800
0.217
36.900
0.600
-51.500
0.674
10.339
2.0
0.369
-138.400
1.960
73.000
0.236
28.900
0.488
-62.100
0.846
9.193
2.5
0.339
-173.000
1.682
57.500
0.238
25.800
0.405
-73.300
1.006
8.021
3.0
0.359
160.600
1.457
44.300
0.247
23.100
0.349
-85.900
1.119
5.613
4.0
0.452
126.000
1.171
22.900
0.268
23.000
0.304
-117.800
1.199
3.709
0.1
0.729
-20.700
21.452
158.500
0.016
80.400
0.933
-12.700
0.233
31.273
0.4
0.417
-58.000
12.831
117.900
0.044
68.700
0.639
-31.100
0.689
24.648
0.8
0.196
-81.600
7.430
96.000
0.077
67.000
0.472
-33.200
0.927
19.845
1.0
0.133
-92.600
6.128
89.300
0.092
65.700
0.426
-33.900
0.984
18.235
1.5
0.060
-155.000
4.250
76.100
0.133
64.000
0.357
-37.400
1.033
13.938
2.0
0.101
144.800
3.281
65.500
0.171
61.200
0.303
-44.600
1.054
11.406
2.5
0.164
125.900
2.687
56.400
0.207
57.300
0.249
-54.500
1.068
9.535
3.0
0.230
117.000
2.295
47.600
0.246
53.400
0.208
-67.800
1.055
8.262
4.0
0.349
104.600
1.808
31.300
0.311
44.000
0.160
-112.500
1.035
6.491
5.0
0.450
93.100
1.506
16.700
0.367
33.500
0.199
-160.400
1.011
5.500
0.1
0.982
-4.000
3.461
173.900
0.017
84.600
0.998
-2.900
0.109
23.088
0.4
0.921
-24.700
3.323
154.500
0.071
73.000
0.966
-14.200
0.195
16.703
0.8
0.775
-48.800
3.034
131.200
0.125
60.000
0.875
-25.800
0.363
13.851
1.0
0.700
-60.600
2.877
121.000
0.145
53.700
0.816
-30.800
0.452
12.976
1.5
0.502
-89.800
2.460
97.900
0.182
42.900
0.684
-41.100
0.658
11.309
2.0
0.364
-122.500
2.089
79.200
0.197
37.100
0.583
-49.700
0.834
10.255
2.5
0.300
-157.800
1.805
64.200
0.207
33.300
0.501
-58.100
0.996
9.405
3.0
0.309
170.700
1.578
50.800
0.216
33.300
0.448
-68.100
1.100
6.713
4.0
0.401
130.100
1.274
29.000
0.249
34.000
0.386
-94.100
1.146
4.768
Note:
1. Gain Calculation:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE685 SERIES
Coordinates in Ohms
Frequency in GHz
(VCE = 2.5 V, IC = 1 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
4 GHz
S11
4 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
0˚
3
2
1
.4
.3
.2
.1
S12
0.1 GHz
S21
4 GHz
S21
0.1 GHz
S12
4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com