Electronic Components Datasheet Search
  English  ▼

X  

NE685 Datasheet(PDF) 1 Page - NEC

Part # NE685
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE685 Datasheet(HTML) 1 Page - NEC

  NE685 Datasheet HTML 1Page - NEC NE685 Datasheet HTML 2Page - NEC NE685 Datasheet HTML 3Page - NEC NE685 Datasheet HTML 4Page - NEC NE685 Datasheet HTML 5Page - NEC NE685 Datasheet HTML 6Page - NEC NE685 Datasheet HTML 7Page - NEC NE685 Datasheet HTML 8Page - NEC NE685 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
details:
details:
details:
details:
details:
NE68539R
NE68539R
NE68539R
NE68539R
NE68539R
PART NUMBER1
NE68518
NE68519
NE68530
NE68533
NE68539/39R
EIAJ2 REGISTERED NUMBER
2SC5015
2SC5010
2SC4959
2SC4955
2SC4957
PACKAGE OUTLINE
18
19
30
33
39
SYMBOLS PARAMETERS AND CONDITIONS UNITS MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
fT
Gain Bandwidth Product at
VCE = 3V, IC = 10 mA, f = 2.0 GHz
GHz
12
12
12
12
12
NFMIN
Minimum Noise Figure at
VCE = 3 V, IC = 3 mA, f = 2.0 GHz
dB
1.5
2.5
1.5
2.5
1.5
2.5
1.5
2.5
1.5
2.5
GNF
Associated Gain at
VCE = 3V, IC = 3 mA, f = 2.0 GHz
dB
8.5
7.5
7
7
7.5
MAG
Maximum Available Gain at
VCE = 3 V, IC = 10 mA, f = 2.0 GHz
dB
12
11
10
10.5
11
|S21E|2
Insertion Power Gain at
VCE = 3V, IC =10 mA, f = 2.0 GHz
dB
9
11
7
9
7
8.5
7
8
9
10
hFE
Forward Current Gain3 at
VCE = 3 V, IC = 10 mA
75 110
150
75
110
150
75
110
150
75
110
150
75
110
150
ICBO
Collector Cutoff Current
at VCB = 5 V, IE = 0 mA
µA
0.1
0.1
0.1
0.1
0.1
IEBO
Emitter Cutoff Current
at VEB = 1 V, IC = 0 mA
µA
0.1
0.1
0.1
0.1
0.1
CRE4
Feedback Capacitance at
VCB = 3 V, IE = 0 mA, f = 1 MHz
pF
0.3
0.5
0.4
0.7
0.4
0.7
0.4
0.7
0.3
0.5
PT
Total Power Dissipation
mW
150
125
150
180
180
RTH(J-A)
Thermal Resistance
(Junction to Ambient)
°C/W
833
1000
833
620
620
RTH(J-C)
Thermal Resistance(Junction to Case) °C/W
200
200
200
200
200
SURFACE MOUNT NPN SILICON
HIGH FREQUENCY TRANSISTOR
NE685
SERIES
FEATURES
• LOW COST
• SMALL AND ULTRA SMALL SIZE PACKAGES
• LOW VOLTAGE/LOW CURRENT OPERATION
• HIGH GAIN BANDWIDTH PRODUCT: fT of 12 GHz
• NOISE FIGURES OF 1.5 dB AT 2.0 GHZ
30 (SOT 323 STYLE)
ELECTRICAL CHARACTERISTICS (TA = 25°C)
18 (SOT 343 STYLE)
39 (SOT 143 STYLE)
33 (SOT 23 STYLE)
19 (3 PIN ULTRA SUPER
MINI MOLD)
39R (SOT 143R STYLE)
DESCRIPTION
NEC's family of high frequency, low cost, surface mount
devices are well suited for portable wireless communications
and cellular radio applications.
The NE685 series of high fT (12 GHz) devices is suitable for
very low voltage/low current, low noise applications. These
products are ideal for applications up to 2.4 GHz where low
cost, high gain, low voltage, and low current are prime con-
cerns.
Notes: 1. Precaution: Devices are ESD sensitive. Use proper handling procedures.
2. Electronic Industrial Association of Japan.
3. Pulsed measurement, PW≤350 µs, duty cycle ≤2%.
4. The emitter terminal should be connected to the ground terminal
of the 3 terminal capacitance bridge.
California Eastern Laboratories


Similar Part No. - NE685

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE685 CEL-NE685 Datasheet
354Kb / 18P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68518 CEL-NE68518 Datasheet
37Kb / 1P
NONLINEAR MODEL
NE68518-T1-A CEL-NE68518-T1-A Datasheet
354Kb / 18P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE68519 NEC-NE68519 Datasheet
32Kb / 1P
NONLINEAR MODEL
logo
California Eastern Labs
NE68519 CEL-NE68519 Datasheet
36Kb / 1P
NONLINEAR MODEL
More results

Similar Description - NE685

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5583 MOTOROLA-MRF5583 Datasheet
67Kb / 4P
SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON
logo
NEC
NE686 NEC-NE686 Datasheet
140Kb / 11P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 NEC-NE687 Datasheet
196Kb / 21P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE688 NEC-NE688 Datasheet
231Kb / 19P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE685 CEL-NE685 Datasheet
354Kb / 18P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE686 CEL-NE686 Datasheet
258Kb / 12P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 CEL-NE687 Datasheet
314Kb / 22P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE688 CEL-NE688 Datasheet
347Kb / 20P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com