Electronic Components Datasheet Search
  English  ▼

X  

AD9253 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9253
Description  Serial LVDS 1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9253 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9253 Datasheet HTML 31Page - Analog Devices AD9253 Datasheet HTML 32Page - Analog Devices AD9253 Datasheet HTML 33Page - Analog Devices AD9253 Datasheet HTML 34Page - Analog Devices AD9253 Datasheet HTML 35Page - Analog Devices AD9253 Datasheet HTML 36Page - Analog Devices AD9253 Datasheet HTML 37Page - Analog Devices AD9253 Datasheet HTML 38Page - Analog Devices AD9253 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
AD9253
Data Sheet
Rev. B | Page 34 of 40
ADDR
(Hex)
Parameter Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
0x0B
Clock divide
(global)
Open
Open
Open
Open
Open
Clock divide ratio[2:0]
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
0x0C
Enhancement
control
Open
Open
Open
Open
Open
Chop
mode
0 = off
1 = on
Open
Open
0x00
Enables/
disables chop
mode.
0x0D
Test mode (local
except for PN
sequence resets)
User input test mode
00 = single
01 = alternate
10 = single once
11 = alternate once
(affects user input test
mode only,
Bits[3:0] = 1000)
Reset
PN long
gen
Reset PN
short
gen
Output test mode[3:0] (local)
0000 = off (default)
0001 = midscale short
0010 = positive FS
0011 = negative FS
0100 = alternating checkerboard
0101 = PN 23 sequence
0110 = PN 9 sequence
0111 = one/zero word toggle
1000 = user input
1001 = 1-/0-bit toggle
1010 = 1× sync
1011 = one bit high
1100 = mixed bit frequency
0x00
When set, the
test data is
placed on the
output pins in
place of
normal data.
0x10
Offset adjust
(local)
8-bit device offset adjustment [7:0] (local)
Offset adjust in LSBs from +127 to −128 (twos complement format)
0x00
Device offset
trim.
0x14
Output mode
Open
LVDS-ANSI/
LVDS-IEEE
option
0 = LVDS-
ANSI
1 = LVDS-
IEEE
reduced
range link
(global)
see
Table 18
Open
Open
Open
Output
invert
(local)
Open
Output
format
0 =
offset
binary
1 =
twos
comple-
ment
(global)
0x01
Configures
the outputs
and the
format of the
data.
0x15
Output adjust
Open
Open
Output driver
termination[1:0]
00 = none
01 = 200 Ω
10 = 100 Ω
11 = 100 Ω
Open
Open
Open
Output
drive
0 = 1×
drive
1 = 2×
drive
0x00
Determines
LVDS or other
output
properties.
0x16
Output phase
Open
Input clock phase adjust[6:4]
(value is number of input clock
cycles of phase delay)
see Table 19
Output clock phase adjust[3:0]
(0000 through 1011)
see Table 20
0x03
On devices
that use
global clock
divide,
determines
which phase
of the divider
output is used
to supply the
output clock.
Internal
latching is
unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com