Electronic Components Datasheet Search
  English  ▼

X  

AD9253 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9253
Description  Serial LVDS 1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9253 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9253 Datasheet HTML 16Page - Analog Devices AD9253 Datasheet HTML 17Page - Analog Devices AD9253 Datasheet HTML 18Page - Analog Devices AD9253 Datasheet HTML 19Page - Analog Devices AD9253 Datasheet HTML 20Page - Analog Devices AD9253 Datasheet HTML 21Page - Analog Devices AD9253 Datasheet HTML 22Page - Analog Devices AD9253 Datasheet HTML 23Page - Analog Devices AD9253 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Data Sheet
AD9253
Rev. B | Page 19 of 40
1.0
–1.0
0
16000
OUTPUT CODE
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
2000
4000
6000
8000
10000
12000
14000
Figure 42. DNL, fIN = 9.7 MHz, fSAMPLE = 125 MSPS
500,000
450,000
400,000
350,000
300,000
250,000
200,000
0
50,000
100,000
150,000
N – 4 N – 3 N – 2 N – 1
N + 1 N + 2 N + 3 N + 4 N + 5
N
CODE
0.94 LSB rms
Figure 43. Input-Referred Noise Histogram, fSAMPLE = 125 MSPS
100
0
1
10
FREQUENCY (MHz)
10
20
30
40
50
60
70
80
90
AVDD
DRVDD
Figure 44. PSRR vs. Frequency, fCLK = 125 MHz, fSAMPLE = 125 MSPS
105
65
20
45
70
95
120
SAMPLE FREQUENCY (MSPS)
70
75
80
85
90
95
100
SFDR
SNRFS
Figure 45. SNR/SFDR vs. Encode, fIN = 9.7 MHz, fSAMPLE = 125 MSPS
105
65
20
45
70
95
120
SAMPLE FREQUENCY (MSPS)
70
75
80
85
90
95
100
SNRFS
SFDR
Figure 46. SNR/SFDR vs. Encode, fIN = 70 MHz, fSAMPLE = 125 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com