Electronic Components Datasheet Search
  English  ▼

X  

AD9253 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9253
Description  Serial LVDS 1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9253 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9253 Datasheet HTML 25Page - Analog Devices AD9253 Datasheet HTML 26Page - Analog Devices AD9253 Datasheet HTML 27Page - Analog Devices AD9253 Datasheet HTML 28Page - Analog Devices AD9253 Datasheet HTML 29Page - Analog Devices AD9253 Datasheet HTML 30Page - Analog Devices AD9253 Datasheet HTML 31Page - Analog Devices AD9253 Datasheet HTML 32Page - Analog Devices AD9253 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
AD9253
Data Sheet
Rev. B | Page 28 of 40
Table 11. Flexible Output Test Modes
Output Test
Mode
Bit Sequence
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject to
Data Format
Select
Notes
0000
Off (default)
N/A
N/A
N/A
0001
Midscale short
1000 0000 0000 (12-bit)
1000 0000 0000 0000 (16-bit)
N/A
Yes
Offset binary
code shown
0010
+Full-scale short
1111 1111 1111 (12-bit)
1111 1111 1111 1100 (16-bit)
N/A
Yes
Offset binary
code shown
0011
−Full-scale short
0000 0000 0000 (12-bit)
0000 0000 0000 0000 (16-bit)
N/A
Yes
Offset binary
code shown
0100
Checkerboard
1010 1010 1010 (12-bit)
1010 1010 1010 1000 (16-bit)
0101 0101 0101 (12-bit)
0101 0101 0101 0100 (16-bit)
No
0101
PN sequence long1
N/A
N/A
Yes
PN23
ITU 0.150
X23 + X18 + 1
0110
PN sequence short1
N/A
N/A
Yes
PN9
ITU 0.150
X9 + X5 + 1
0111
One-/zero-word
toggle
1111 1111 1111 (12-bit)
111 1111 1111 1100 (16-bit)
0000 0000 0000 (12-bit)
0000 0000 0000 0000 (16-bit)
No
1000
User input
Register 0x19 to Register 0x1A
Register 0x1B to Register 0x1C
No
1001
1-/0-bit toggle
1010 1010 1010 (12-bit)
1010 1010 1010 1000 (16-bit)
N/A
No
1010
1× sync
0000 0011 1111 (12-bit)
0000 0001 1111 1100 (16-bit)
N/A
No
1011
One bit high
1000 0000 0000 (12-bit)
1000 0000 0000 0000 (16-bit)
N/A
No
Pattern
associated
with the
external pin
1100
Mixed frequency
1010 0011 0011 (12-bit)
1010 0001 1001 1100 (16-bit)
N/A
No
1
All test mode options except PN sequence short and PN sequence long can support 12-bit to 16-bit word lengths to verify data capture to the receiver.
When the SPI is used, the DCO phase can be adjusted in 60°
increments relative to one data cycle (30° relative to one DCO
cycle). This enables the user to refine system timing margins if
required. The default DCO± to output data edge timing, as
shown in Figure 2, is 180° relative to one data cycle (90° relative
to one DCO cycle).
A 12-bit serial stream can also be initiated from the SPI. This
allows the user to implement and test compatibility to lower
resolution systems. When changing the resolution to a 12-bit
serial stream, the data stream is shortened. See Figure 3 for the
12-bit example. However, in the default option with the serial
output number of bits at 16, the data stream stuffs two 0s at the
end of the 14-bit serial data.
In default mode, as shown in Figure 2, the MSB is first in the
data output serial stream. This can be inverted so that the LSB is
first in the data output serial stream by using the SPI.
There are 12 digital output test pattern options available that
can be initiated through the SPI. This is a useful feature when
validating receiver capture and timing. Refer to Table 11 for the
output bit sequencing options available. Some test patterns have
two serial sequential words and can be alternated in various
ways, depending on the test pattern chosen. Note that some
patterns do not adhere to the data format select option. In
addition, custom user-defined test patterns can be assigned in
the 0x19, 0x1A, 0x1B, and 0x1C register addresses.
The PN sequence short pattern produces a pseudorandom bit
sequence that repeats itself every 29 − 1 or 511 bits. A
description of the PN sequence and how it is generated can be
found in Section 5.1 of the ITU-T 0.150 (05/96) standard. The
seed value is all 1s (see Table 12 for the initial values). The
output is a parallel representation of the serial PN9 sequence in
MSB-first format. The first output word is the first 14 bits of the
PN9 sequence in MSB aligned form.
The PN sequence long pattern produces a pseudorandom bit
sequence that repeats itself every 223 − 1 or 8,388,607 bits. A
description of the PN sequence and how it is generated can be
found in Section 5.6 of the ITU-T 0.150 (05/96) standard. The
seed value is all 1s (see Table 12 for the initial values) and the
AD9253 inverts the bit stream with relation to the ITU standard.
The output is a parallel representation of the serial PN23 sequence
in MSB-first format. The first output word is the first 14 bits of the
PN23 sequence in MSB aligned form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com