Electronic Components Datasheet Search
  English  ▼

X  

AD9253 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9253
Description  Serial LVDS 1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9253 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9253 Datasheet HTML 14Page - Analog Devices AD9253 Datasheet HTML 15Page - Analog Devices AD9253 Datasheet HTML 16Page - Analog Devices AD9253 Datasheet HTML 17Page - Analog Devices AD9253 Datasheet HTML 18Page - Analog Devices AD9253 Datasheet HTML 19Page - Analog Devices AD9253 Datasheet HTML 20Page - Analog Devices AD9253 Datasheet HTML 21Page - Analog Devices AD9253 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Data Sheet
AD9253
Rev. B | Page 17 of 40
AD9253-125
AIN = –1dBFS
SNR = 75.3dB
ENOB = 12.04 BITS
SFDR = 98.52dBc
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
60
FREQUENCY (MHz)
Figure 30. Single-Tone 16k FFT with fIN = 9.7 MHz, fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
60
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 74.2dB
ENOB = 12 BITS
SFDR = 92.5dBc
Figure 31. Single-Tone 16k FFT with fIN = 30.5 MHZ, fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
60
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 73.2dB
ENOB = 11.9 BITS
SFDR = 91.2dBc
Figure 32. Single-Tone 16k FFT with fIN = 70 MHz, fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
60
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 73.1dB
ENOB = 11.6 BITS
SFDR = 85dBc
Figure 33. Single-Tone 16k FFT with fIN = 140 MHz, fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
60
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 70.6dB
ENOB = 11.2 BITS
SFDR = 83.2dBc
Figure 34. Single-Tone 16k FFT with fIN = 200 MHz, fSAMPLE = 125 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
60
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 72.4dB
ENOB = 11.7 BITS
SFDR = 88.4dBc
Figure 35. Single-Tone 16k FFT with fIN = 140 MHz at fSAMPLE = 122.88 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com