Electronic Components Datasheet Search
  English  ▼

X  

AD9253 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9253
Description  Serial LVDS 1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9253 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9253 Datasheet HTML 24Page - Analog Devices AD9253 Datasheet HTML 25Page - Analog Devices AD9253 Datasheet HTML 26Page - Analog Devices AD9253 Datasheet HTML 27Page - Analog Devices AD9253 Datasheet HTML 28Page - Analog Devices AD9253 Datasheet HTML 29Page - Analog Devices AD9253 Datasheet HTML 30Page - Analog Devices AD9253 Datasheet HTML 31Page - Analog Devices AD9253 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Data Sheet
AD9253
Rev. B | Page 27 of 40
500
400
300
200
100
–500
–400
–300
–200
–100
0
–0.8ns
–0.4ns
0ns
0.4ns
–0.8ns
EYE: ALL BITS
ULS: 8000/414024
10k
12k
2k
4k
6k
8k
0k
–800ps –600ps –400ps –200ps
0ps
200ps
400ps
600ps
Figure 73. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
Greater than 24 Inches on Standard FR-4 Material, External 100 Ω Far-End
Termination Only
Figure 73 shows an example of trace lengths exceeding 24 inches
on standard FR-4 material. Notice that the TIE jitter histogram
reflects the decrease of the data eye opening as the edge deviates
from the ideal position. It is the user’s responsibility to determine
if the waveforms meet the timing budget of the design when the
trace lengths exceed 24 inches. Additional SPI options allow the
user to further increase the internal termination (increasing the
current) of all four outputs to drive longer trace lengths. This can
be achieved by programming Register 0x15. Even though this
produces sharper rise and fall times on the data edges and is less
prone to bit errors, the power dissipation of the DRVDD supply
increases when this option is used.
The format of the output data is twos complement by default.
An example of the output coding format can be found in Table 10.
To change the output data format to offset binary, see the
Memory Map section.
Data from each ADC is serialized and provided on a separate
channel in two lanes in DDR mode. The data rate for each serial
stream is equal to 16 bits times the sample clock rate divided by
the number of lanes, with a maximum of 1000 Mbps/lane
[(16 bits × 125 MSPS)/2 = 1000 Mbps/lane)]. The maximum
allowable output data rate is 1 Gbps/lane. If one-lane mode is
used, the data rate doubles for a given sample rate. To stay
within the maximum data rate of 1 Gbps/lane, the sample rate is
limited to a maximum of 62.5 MSPS in one-lane output mode.
The lowest typical conversion rate is 10 MSPS.
Two output clocks are provided to assist in capturing data from
the AD9253. The DCO is used to clock the output data and is
equal to four times the sample clock (CLK) rate for the default
mode of operation. Data is clocked out of the AD9253 and must
be captured on the rising and falling edges of the DCO that
supports double data rate (DDR) capturing. The FCO is used to
signal the start of a new output byte and is equal to the sample
clock rate in 1× frame mode. See the Timing Diagrams section
for more information.
Table 10. Digital Output Coding
Input (V)
Condition (V)
Offset Binary Output Mode
Twos Complement Mode
VIN+ − VIN−
<−VREF − 0.5 LSB
0000 0000 0000 0000
1000 0000 0000 0000
VIN+ − VIN−
−VREF
0000 0000 0000 0000
1000 0000 0000 0000
VIN+ − VIN−
0 V
1000 0000 0000 0000
0000 0000 0000 0000
VIN+ − VIN−
+VREF − 1.0 LSB
1111 1111 1111 1100
0111 1111 1111 1100
VIN+ − VIN−
>+VREF − 0.5 LSB
1111 1111 1111 1100
0111 1111 1111 1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com