Electronic Components Datasheet Search
  English  ▼

X  

AD9253 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9253
Description  Serial LVDS 1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9253 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9253 Datasheet HTML 11Page - Analog Devices AD9253 Datasheet HTML 12Page - Analog Devices AD9253 Datasheet HTML 13Page - Analog Devices AD9253 Datasheet HTML 14Page - Analog Devices AD9253 Datasheet HTML 15Page - Analog Devices AD9253 Datasheet HTML 16Page - Analog Devices AD9253 Datasheet HTML 17Page - Analog Devices AD9253 Datasheet HTML 18Page - Analog Devices AD9253 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
AD9253
Data Sheet
Rev. B | Page 14 of 40
0
–20
–40
–60
–80
–100
–120
–140
0
10
5
15
20
25
30
40
35
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 90.9dBc
IMD2 = 91dBc
IMD3 = 90.9dBc
Figure 16. Two-Tone 16k FFT with fIN1 = 70.5 MHz and fIN2 = 72.5 MHz,
fSAMPLE = 80 MSPS
0
–20
–40
–60
–80
–100
–120
–90
–78
–66
–54
–42
–6
–18
–30
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 17. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 70.5 MHz and fIN2 = 72.5 MHz, fSAMPLE = 80 MSPS
100
0
0
200
INPUT FREQUENCY (MHz)
70
10
20
30
40
50
60
80
90
100
120
140
80
20
40
60
180
160
SFDR (dBc)
SNR (dBFS)
Figure 18. SNR/SFDR vs. fIN, fSAMPLE = 80 MSPS
105
70
–40
85
TEMPERATURE (°C)
75
80
85
90
95
100
–15
10
35
60
SFDR (dBc)
SNR (dBFS)
Figure 19. SNR/SFDR vs. Temperature, fIN = 10.3 MHz, fSAMPLE = 80 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com