Electronic Components Datasheet Search
  English  ▼

X  

AD9253 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9253
Description  Serial LVDS 1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9253 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9253 Datasheet HTML 33Page - Analog Devices AD9253 Datasheet HTML 34Page - Analog Devices AD9253 Datasheet HTML 35Page - Analog Devices AD9253 Datasheet HTML 36Page - Analog Devices AD9253 Datasheet HTML 37Page - Analog Devices AD9253 Datasheet HTML 38Page - Analog Devices AD9253 Datasheet HTML 39Page - Analog Devices AD9253 Datasheet HTML 40Page - Analog Devices AD9253 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Data Sheet
AD9253
Rev. B | Page 37 of 40
than the value of Bits[2:0], Register 0x0B. See Table 19 for more
information.
Table 19. Input Clock Phase Adjust Options
Input Clock Phase
Adjust, Bits[6:4]
Number of Input Clock Cycles of
Phase Delay
000 (Default)
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Bits[3:0]—Output Clock Phase Adjust
Table 20. Output Clock Phase Adjust Options
Output Clock (DCO),
Phase Adjust, Bits[3:0]
DCO Phase Adjustment (Degrees
Relative to D0±x/D1±x Edge)
0000
0
0001
60
0010
120
0011 (Default)
180
0100
240
0101
300
0110
360
0111
420
1000
480
1001
540
1010
600
1011
660
Serial Output Data Control (Register 0x21)
The serial output data control register is used to program the
AD9253 in various output data modes depending upon the data
capture solution. Table 21 describes the various serialization
options available in the AD9253.
Resolution/Sample Rate Override (Register 0x100)
This register is designed to allow the user to downgrade the device
(that is, establish lower power) for applications that do not require
full sample rate. Settings in this register are not initialized until Bit 0
of the transfer register (Register 0xFF) is set to 1.
This function does not affect the sample rate; it affects the
maximum sample rate capability of the ADC, as well as the
resolution.
User I/O Control 2 (Register 0x101)
Bits[7:1]—Open
Bit 0—SDIO Pull-Down
Bit 0 can be set to disable the internal 30 kΩ pull-down on the
SDIO pin, which can be used to limit the loading when many
devices are connected to the SPI bus.
User I/O Control 3 (Register 0x102)
Bits[7:4]—Open
Bit 3—VCM Power-Down
Bit 3 can be set high to power down the internal VCM
generator. This feature is used when applying an external
reference.
Bits[2:0]—Open
Table 21. SPI Register Options
Serialization Options Selected
Register 0x21
Contents
Serial Output Number
of Bits (SONB)
Frame Mode
Serial Data Mode
DCO Multiplier
Timing Diagram
0x30
16-bit
1×
DDR two-lane bytewise
4 × fS
Figure 2 (default setting)
0x20
16-bit
1×
DDR two-lane bitwise
4 × fS
Figure 2
0x10
16-bit
1×
SDR two-lane bytewise
8 × fS
Figure 2
0x00
16-bit
1×
SDR two-lane bitwise
8 × fS
Figure 2
0x34
16-bit
2×
DDR two-lane bytewise
4 × fS
Figure 4
0x24
16-bit
2×
DDR two-lane bitwise
4 × fS
Figure 4
0x14
16-bit
2×
SDR two-lane bytewise
8 × fS
Figure 4
0x04
16-bit
2×
SDR two-lane bitwise
8 × fS
Figure 4
0x40
16-bit
1×
DDR one-lane
8 × fS
Figure 6
0x32
12-bit
1×
DDR two-lane bytewise
3 × fS
Figure 3
0x22
12-bit
1×
DDR two-lane bitwise
3 × fS
Figure 3
0x12
12-bit
1×
SDR two-lane bytewise
6 × fS
Figure 3
0x02
12-bit
1×
SDR two-lane bitwise
6 × fS
Figure 3
0x36
12-bit
2×
DDR two-lane bytewise
3 × fS
Figure 5
0x26
12-bit
2×
DDR two-lane bitwise
3 × fS
Figure 5
0x16
12-bit
2×
SDR two-lane bytewise
6 × fS
Figure 5
0x06
12-bit
2×
SDR two-lane bitwise
6 × fS
Figure 5
0x42
12-bit
1×
DDR one-lane
6 × fS
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com