Electronic Components Datasheet Search
  English  ▼

X  

AD9219 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9219
Description  Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9219 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9219 Datasheet HTML 34Page - Analog Devices AD9219 Datasheet HTML 35Page - Analog Devices AD9219 Datasheet HTML 36Page - Analog Devices AD9219 Datasheet HTML 37Page - Analog Devices AD9219 Datasheet HTML 38Page - Analog Devices AD9219 Datasheet HTML 39Page - Analog Devices AD9219 Datasheet HTML 40Page - Analog Devices AD9219 Datasheet HTML 41Page - Analog Devices AD9219 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
Data Sheet
AD9219
Rev. E | Page 37 of 56
EVALUATION BOARD
The AD9219 evaluation board provides all of the support cir-
cuitry required to operate the ADC in its various modes and
configurations. The converter can be driven differentially using a
transformer (default) or an AD8332 driver. The ADC can also be
driven in a single-ended fashion. Separate power pins are provided
to isolate the DUT from the drive circuitry of the AD8332. Each
input configuration can be selected by changing the connection of
various jumpers (see Figure 73 to Figure 77). Figure 71 shows
the typical bench characterization setup used to evaluate the ac
performance of the AD9219. It is critical that the signal sources
used for the analog input and clock have very low phase noise
(<1 ps rms jitter) to realize the optimum performance of the
converter. Proper filtering of the analog input signal to remove
harmonics and lower the integrated or broadband noise at the
input is also necessary to achieve the specified noise performance.
See Figure 73 to Figure 81 for the complete schematics and
layout diagrams demonstrating the routing and grounding
techniques that should be applied at the system level.
POWER SUPPLIES
This evaluation board has a wall-mountable switching power
supply that provides a 6 V, 2 A maximum output. Connect the
supply to the rated 100 V ac to 240 V ac wall outlet at 47 Hz to
63 Hz. The other end of the supply is a 2.1 mm inner diameter jack
that connects to the PCB at P503. Once on the PC board, the
6 V supply is fused and conditioned before connecting to three
low dropout linear regulators that supply the proper bias to each
of the various sections on the board.
When operating the evaluation board in a nondefault condition,
L504 to L507 can be removed to disconnect the switching
power supply. This enables the user to bias each section of the
board individually. Use P501 to connect a different supply for
each section. At least one 1.8 V supply is needed for AVDD_DUT
and DRVDD_DUT; however, it is recommended that separate
supplies be used for analog and digital signals and that each
supply have a current capability of 1 A. To operate the evaluation
board using the VGA option, a separate 5.0 V analog supply
(AVDD_5 V) is needed. To operate the evaluation board using
the SPI and alternate clock options, a separate 3.3 V analog
supply (AVDD_3.3 V) is needed in addition to the other
supplies.
INPUT SIGNALS
When connecting the clock and analog sources to the evaluation
board, use clean signal generators with low phase noise, such as
Rohde & Schwarz SMHU or HP8644 signal generators or the
equivalent, as well as a 1 m, shielded, RG-58, 50 Ω coaxial cable.
Enter the desired frequency and amplitude from the ADC speci-
fications tables. Typically, most Analog Devices evaluation boards
can accept approximately 2.8 V p-p or 13 dBm sine wave input
for the clock. When connecting the analog input source, it is
recommended to use a multipole, narrow-band, band-pass filter
with 50 Ω terminations. Good choices of such band-pass filters
are available from TTE, Allen Avionics, and K&L Microwave, Inc.
The filter should be connected directly to the evaluation board
if possible.
OUTPUT SIGNALS
The default setup uses the Analog Devices HSC-ADC-FIFO5-
INTZ to interface with the Analog Devices standard dual-channel
FIFO data capture board (HCS-ADC-EVALCZ). Two of the
eight channels can be evaluated at the same time. For more
information on the channel settings and optional settings of
these boards, visit www.analog.com/FIFO.
ROHDE & SCHWARZ,
SMHU,
2V p-p SIGNAL
SYNTHESIZER
ROHDE & SCHWARZ,
SMHU,
2V p-p SIGNAL
SYNTHESIZER
BAND-PASS
FILTER
XFMR
INPUT
CLK
CH A TO CH D
10-BIT
SERIAL
LVDS
USB
CONNECTION
AD9219
EVALUATION BOARD
HSC-ADC-EVALCZ
FIFO DATA
CAPTURE
BOARD
PC
RUNNING
ADC
ANALYZER
AND SPI
USER
SOFTWARE
1.8V
–+
–+
–+
5.0V
1.8V
6V DC
2A MAX
WALL OUTLET
100V TO 240V AC
47Hz TO 63Hz
SWITCHING
POWER
SUPPLY
–+
3.3V
–+
3.3V
SPI
SPI
SPI
INTERPOSER
BOARD
SPI
Figure 71. Evaluation Board Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com