Electronic Components Datasheet Search
  English  ▼

X  

AD9219 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9219
Description  Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9219 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9219 Datasheet HTML 13Page - Analog Devices AD9219 Datasheet HTML 14Page - Analog Devices AD9219 Datasheet HTML 15Page - Analog Devices AD9219 Datasheet HTML 16Page - Analog Devices AD9219 Datasheet HTML 17Page - Analog Devices AD9219 Datasheet HTML 18Page - Analog Devices AD9219 Datasheet HTML 19Page - Analog Devices AD9219 Datasheet HTML 20Page - Analog Devices AD9219 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
AD9219
Data Sheet
Rev. E | Page 16 of 56
0
–40
–20
–60
–80
–100
–120
030
520
25
15
10
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 56.72dB
ENOB = 9.13 BITS
SFDR = 66.41dBc
Figure 21. Single-Tone 32k FFT with fIN = 190 MHz, fSAMPLE = 65 MSPS
0
–40
–20
–60
–80
–100
–120
030
520
25
15
10
FREQUENCY (MHz)
AIN = –0.5dBFS
SNR = 58.57dB
ENOB = 9.44 BITS
SFDR = 57.95dBc
Figure 22. Single-Tone 32k FFT with fIN = 250 MHz, fSAMPLE = 65 MSPS
90
70
75
85
80
65
60
55
50
10
40
15
30
35
25
20
ENCODE (MSPS)
2V p-p, SNR
2V p-p, SFDR
Figure 23. SNR/SFDR vs. Encode, fIN = 10.3 MHz, fSAMPLE = 40 MSPS
90
70
75
85
80
65
60
55
50
10
40
15
30
35
25
20
ENCODE (MSPS)
2V p-p, SNR
2V p-p, SFDR
Figure 24. SNR/SFDR vs. Encode, fIN = 35 MHz, fSAMPLE = 40 MSPS
90
70
75
85
80
65
60
55
50
10
60
40
50
30
20
ENCODE (MSPS)
2V p-p, SNR
2V p-p, SFDR
Figure 25. SNR/SFDR vs. Encode, fIN = 10.3 MHz, fSAMPLE = 65 MSPS
90
70
75
85
80
65
60
55
50
10
50
60
30
20
40
ENCODE (MSPS)
2V p-p, SNR
2V p-p, SFDR
Figure 26. SNR/SFDR vs. Encode, fIN = 35 MHz, fSAMPLE = 65 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com