Electronic Components Datasheet Search
  English  ▼

X  

AD9219 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9219
Description  Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9219 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9219 Datasheet HTML 21Page - Analog Devices AD9219 Datasheet HTML 22Page - Analog Devices AD9219 Datasheet HTML 23Page - Analog Devices AD9219 Datasheet HTML 24Page - Analog Devices AD9219 Datasheet HTML 25Page - Analog Devices AD9219 Datasheet HTML 26Page - Analog Devices AD9219 Datasheet HTML 27Page - Analog Devices AD9219 Datasheet HTML 28Page - Analog Devices AD9219 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
AD9219
Data Sheet
Rev. E | Page 24 of 56
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency (fA)
due only to aperture jitter (tJ) can be calculated by
SNR Degradation = 20 × log 10(1/2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root mean
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter. IF undersampling applications
are particularly sensitive to jitter (see Figure 57).
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the AD9219.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter, crystal-controlled oscillators are
the best clock sources. If the clock is generated from another type
of source (by gating, dividing, or another method), it should be
retimed by the original clock during the last step.
Refer to the AN-501 Application Note and to the AN-756
Application Note for more in-depth information about jitter
performance as it relates to ADCs at www.analog.com.
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125 ps
0.25 ps
0.5 ps
1.0 ps
2.0 ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
RMS CLOCK JITTER REQUIREMENT
Figure 57. Ideal SNR vs. Input Frequency and Jitter
Power Dissipation and Power-Down Mode
As shown in Figure 58 and Figure 59, the power dissipated by
the AD9219 is proportional to its sample rate. The digital power
dissipation does not vary significantly because it is determined
primarily by the DRVDD supply and bias current of the LVDS
output drivers.
ENCODE (MSPS)
AVDD CURRENT
TOTAL POWER
DRVDD CURRENT
180
200
220
240
260
280
300
320
340
360
0
20
40
60
80
100
120
140
15
20
25
30
35
40
10
Figure 58. Supply Current vs. fSAMPLE for fIN = 10.3 MHz, fSAMPLE = 40 MSPS
0
ENCODE (MSPS)
AVDD CURRENT
TOTAL POWER
DRVDD CURRENT
20
40
60
80
100
120
140
160
180
200
10
20
30
40
50
60
250
270
290
310
330
350
370
390
Figure 59. Supply Current vs. fSAMPLE for fIN = 10.3 MHz, fSAMPLE = 65 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com