Electronic Components Datasheet Search
  English  ▼

X  

AD9219 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9219
Description  Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9219 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9219 Datasheet HTML 30Page - Analog Devices AD9219 Datasheet HTML 31Page - Analog Devices AD9219 Datasheet HTML 32Page - Analog Devices AD9219 Datasheet HTML 33Page - Analog Devices AD9219 Datasheet HTML 34Page - Analog Devices AD9219 Datasheet HTML 35Page - Analog Devices AD9219 Datasheet HTML 36Page - Analog Devices AD9219 Datasheet HTML 37Page - Analog Devices AD9219 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
Data Sheet
AD9219
Rev. E | Page 33 of 56
MEMORY MAP
READING THE MEMORY MAP TABLE
Each row in the memory map register table (Table 16) has eight
address locations. The memory map is divided into three sections:
the chip configuration register map (Address 0x00 to Address 0x02),
the device index and transfer register map (Address 0x05 and
Address 0xFF), and the ADC functions register map (Address 0x08
to Address 0x22).
The leftmost column of the memory map indicates the register
address number, and the default value is shown in the second
rightmost column. The (MSB) Bit 7 column is the start of the
default hexadecimal value given. For example, Address 0x09, the
clock register, has a default value of 0x01, meaning that Bit 7 = 0,
Bit 6 = 0, Bit 5 = 0, Bit 4 = 0, Bit 3 = 0, Bit 2 = 0, Bit 1 = 0, and
Bit 0 = 1, or 0000 0001 in binary. This setting is the default for
the duty cycle stabilizer in the on condition. By writing a 0 to Bit 6
of this address followed by a 0x01 in Register 0xFF (transfer bit),
the duty cycle stabilizer turns off. It is important to follow each
writing sequence with a transfer bit to update the SPI registers. For
more information on this and other functions, consult the AN-877
Application Note, Interfacing to High Speed ADCs via SPI at
www.analog.com.
RESERVED LOCATIONS
Undefined memory locations should not be written to except
when writing the default values suggested in this data sheet.
Addresses that have values marked as 0 should be considered
reserved and have a 0 written into their registers during power-up.
DEFAULT VALUES
When the AD9219 comes out of a reset, critical registers are
preloaded with default values. These values are indicated in
Table 16, where an X refers to an undefined feature.
LOGIC LEVELS
An explanation of various registers follows: “Bit is set” is
synonymous with “bit is set to Logic 1” or “writing Logic 1 for
the bit.” Similarly, “clear a bit” is synonymous with “bit is set to
Logic 0” or “writing Logic 0 for the bit.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com