Electronic Components Datasheet Search
  English  ▼

X  

AD9219 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9219
Description  Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9219 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9219 Datasheet HTML 48Page - Analog Devices AD9219 Datasheet HTML 49Page - Analog Devices AD9219 Datasheet HTML 50Page - Analog Devices AD9219 Datasheet HTML 51Page - Analog Devices AD9219 Datasheet HTML 52Page - Analog Devices AD9219 Datasheet HTML 53Page - Analog Devices AD9219 Datasheet HTML 54Page - Analog Devices AD9219 Datasheet HTML 55Page - Analog Devices AD9219 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
Data Sheet
AD9219
Rev. E | Page 51 of 56
Item
Qty.
Reference Designator
Device
Package
Value
Manufacturer
Manufacturer’s
Part Number
37
4
R161, R162, R163, R164
Resistor
402
499 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F4990TRF
38
3
R202, R203, R204
Resistor
402
100 kΩ, 1/16 W,
1% tol
NIC
Components
NRC04F1003TRF
39
1
R222
Resistor
402
4.02 kΩ, 1/16 W,
1% tol
NIC
Components
NRC04F4121TRF
40
1
R213
Resistor
402
49.9 Ω, 1/16 W,
0.5% tol
Susumu
RR0510R-49R9-D
41
1
R229
Resistor
402
4.99 kΩ, 1/16 W,
5% tol
NIC
Components
NRC04F4991TRF
42
2
R230, R319
Potentiometer
3-lead
10 kΩ, cermet
trimmer
potentiometer,
18-turn top adjust,
10%, 1/2 W
BC
Components
CT94EW103
43
1
R228
Resistor
402
470 kΩ, 1/16 W,
5% tol
NIC
Components
NRC04J474TRF
44
1
R320
Resistor
402
39 kΩ, 1/16 W,
5% tol
NIC
Components
NRC04J393TRF
45
8
R307, R308, R309, R310,
R407, R408, R409, R410
Resistor
402
187 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F1870TRF
46
4
R305, R306, R405, R406
Resistor
402
374 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F3740TRF
47
4
R316, R317, R415, R416
Resistor
402
274 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F2740TRF
48
11
R245, R247, R249, R251,
R253, R255, R257, R259,
R261, R263, R265
Resistor
201
0 Ω, 1/20 W, 5% tol
Panasonic
ERJ-1GE0R00C
49
1
R418
Resistor
402
4.75 kΩ, 1/16 W,
1% tol
NIC
Components
NRC04J472TRF
50
1
R419
Resistor
402
261 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F2610TRF
51
1
R501
Resistor
603
261 Ω, 1/16 W,
1% tol
NIC
Components
NRC06F2610TRF
52
2
R240, R241
Resistor
402
243 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F2430TRF
53
2
R242, R243
Resistor
402
100 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F1000TRF
54
1
S401
Switch
SMD
Light touch,
100GE, 5 mm
Panasonic
EVQ-PLDA15
55
5
T101, T102, T103, T104,
T201
Transformer
CD542
ADT1-1WT, 1:1
impedance ratio
transformer
Mini-Circuits
ADT1-1WT+
56
2
U501, U503
IC
SOT-223
ADP3339AKC-1.8,
1.5 A, 1.8 V LDO
regulator
Analog Devices
ADP3339AKCZ-1.8
57
2
U301, U401
IC
LFCSP,
CP-32
AD8332ACP,
ultralow noise
precision dual
VGA
Analog Devices
AD8332ACPZ
58
1
U504
IC
SOT-223
ADP3339AKC-5
Analog Devices
ADP3339AKCZ-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com