Electronic Components Datasheet Search
  English  ▼

X  

AD9219 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9219
Description  Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9219 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9219 Datasheet HTML 27Page - Analog Devices AD9219 Datasheet HTML 28Page - Analog Devices AD9219 Datasheet HTML 29Page - Analog Devices AD9219 Datasheet HTML 30Page - Analog Devices AD9219 Datasheet HTML 31Page - Analog Devices AD9219 Datasheet HTML 32Page - Analog Devices AD9219 Datasheet HTML 33Page - Analog Devices AD9219 Datasheet HTML 34Page - Analog Devices AD9219 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
AD9219
Data Sheet
Rev. E | Page 30 of 56
Internal Reference Operation
A comparator within the AD9219 detects the potential at the
SENSE pin and configures the reference. If SENSE is grounded,
the reference amplifier switch is connected to the internal
resistor divider (see Figure 64), setting VREF to 1 V.
The REFT and REFB pins establish the input span of the ADC
core from the reference configuration. The analog input full-
scale range of the ADC equals twice the voltage of the reference
pin for either an internal or an external reference configuration.
If the reference of the AD9219 is used to drive multiple
converters to improve gain matching, the loading of the refer-
ence by the other converters must be considered. Figure 66
depicts how the internal reference voltage is affected by loading.
1µF
0.1µF
VREF
SENSE
0.5V
REFT
0.1µF
0.1µF
2.2µF
0.1µF
REFB
SELECT
LOGIC
ADC
CORE
+
VIN – x
VIN + x
Figure 64. Internal Reference Configuration
1µF
0.1µF
VREF
0.5V
REFT
0.1µF
0.1µF
2.2µF
0.1µF
REFB
SELECT
LOGIC
ADC
CORE
+
+
VIN – x
VIN + x
SENSE
R2
R1
Figure 65. External Reference Operation
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or to improve thermal drift charac-
teristics. Figure 67 shows the typical drift characteristics of the
internal reference in 1 V mode.
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. The external
reference is loaded with an equivalent 6 kΩ load. An internal
reference buffer generates the positive and negative full-scale
references, REFT and REFB, for the ADC core. Therefore, the
external reference must be limited to a nominal 1.0 V.
01.0
0.5
2.0
1.5
3.0
2.5
3.5
CURRENT LOAD (mA)
–30
–5
–10
–15
–20
–25
5
0
Figure 66. VREF Accuracy vs. Load
0.02
–0.18
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
0
–0.02
–0.04
–0.06
–0.08
–0.10
–0.12
–0.14
–0.16
Figure 67. Typical VREF Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com