Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 128 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 128 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 124Page - Teccor Electronics AC16FSM Datasheet HTML 125Page - Teccor Electronics AC16FSM Datasheet HTML 126Page - Teccor Electronics AC16FSM Datasheet HTML 127Page - Teccor Electronics AC16FSM Datasheet HTML 128Page - Teccor Electronics AC16FSM Datasheet HTML 129Page - Teccor Electronics AC16FSM Datasheet HTML 130Page - Teccor Electronics AC16FSM Datasheet HTML 131Page - Teccor Electronics AC16FSM Datasheet HTML 132Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 223 page
background image
AN1002
Application Notes
http://www.teccor.com
AN1002 - 2
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Triacs can be gated on in one of four basic gating modes as
shown in Figure AN1002.3. The most common quadrants for
gating on triacs are Quadrants I and III, where the gate supply is
synchronized with the main terminal supply (gate positive — MT2
positive, gate negative — MT2 negative). Optimum triac gate
sensitivity is achieved when operating in Quadrants I and III due
to the inherent thyristor chip construction. If Quadrants I and III
cannot be used, the next best operating modes are Quadrants II
and III where the gate supply has a negative polarity with an AC
main terminal supply. Typically, Quadrant II is approximately
equal in gate sensitivity to Quadrant I; however, latching current
sensitivity in Quadrant II is lowest. Therefore, it is difficult for
triacs to latch on in Quadrant II when the main terminal current
supply is very low in value.
Special consideration should be given to gating circuit design
when Quadrants I and IV are used in actual application, because
Quadrant IV has the lowest gate sensitivity of all four operating
quadrants.
Figure AN1002.3
Definition of Operating Quadrants in Triacs
The following table shows the relationships between different
gating modes in current required to gate on triacs.
Example of 4 A triac:
If IGT(I) = 10 mA, then
IGT(II) = 16 mA
IGT(III) = 25 mA
IGT(IV) = 27 mA
Gate trigger current is temperature-dependent as shown in
Figure AN1002.4. Thyristors become less sensitive with
decreasing temperature and more sensitive with increasing
temperature.
Figure AN1002.4
Typical DC Gate Trigger Current versus Case
Temperature
For applications where low temperatures are expected, gate cur-
rent supply should be increased to at least two to eight times the
gate trigger current requirements at 25 °C. The actual factor var-
ies by thyristor type and the environmental temperature.
Example of a 10 A triac:
If IGT(I) = 10 mA at 25 °C, then
IGT(I) = 20 mA at -40 °C
In applications where high di/dt, high surge, and fast turn-on are
expected, gate drive current should be steep rising (1 µs rise
time) and at least twice rated IGT or higher with minimum 3 µs
pulse duration. However, if gate drive current magnitude is very
high, then duration may have to be limited to keep from over-
stressing (exceeding the power dissipation limit of) gate junction.
Latching Current of SCRs and Triacs
Latching current (IL) is the minimum principal current required to
maintain the thyristor in the on state immediately after the switch-
ing from off state to on state has occurred and the triggering sig-
nal has been removed. Latching current can best be understood
by relating to the “pick-up” or “pull-in” level of a mechanical relay.
Figure AN1002.5 and Figure AN1002.6 illustrate typical thyristor
latching phenomenon.
In the illustrations in Figure AN1002.5, the thyristor does not stay
on after gate drive is removed due to insufficient available princi-
pal current (which is lower than the latching current requirement).
Figure AN1002.5
Latching Characteristic of Thyristor (Device Not
Latched)
In the illustration in Figure AN1002.6 the device stays on for the
remainder of the half cycle until the principal current falls below
the holding current level. Figure AN1002.5 shows the character-
istics of the same device if gate drive is removed or shortened
before latching current requirement has been met.
Typical Ratio of
at 25 °C
Type
Operating Mode
Quadrant I
Quadrant II
Quadrant III Quadrant IV
4A Triac
1
1.6
2.5
2.7
10 A Triac
1
1.5
1.4
3.1
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-
NOTE: Alternistors will not operate in Q IV
IGT In given Quadrant
()
IGT Quadrant 1
()
-----------------------------------------------------------------------------
2.0
1.5
1.0
.5
0
-40
-15
+25
+65
+100
Case Temperature (TC) – ˚C
Gate Pulse
(Gate Drive to Thyristor)
Principal
Current
Through
Thyristor
Latching
Current
Requirement
Time
Zero
Crossing Point
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com