Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 130 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 130 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 126Page - Teccor Electronics AC16FSM Datasheet HTML 127Page - Teccor Electronics AC16FSM Datasheet HTML 128Page - Teccor Electronics AC16FSM Datasheet HTML 129Page - Teccor Electronics AC16FSM Datasheet HTML 130Page - Teccor Electronics AC16FSM Datasheet HTML 131Page - Teccor Electronics AC16FSM Datasheet HTML 132Page - Teccor Electronics AC16FSM Datasheet HTML 133Page - Teccor Electronics AC16FSM Datasheet HTML 134Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 223 page
background image
AN1002
Application Notes
http://www.teccor.com
AN1002 - 4
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure AN1002.8
“Amplified Gate” Thyristor Circuit
The following table and Figure AN1002.9 show the relationship of
gating, latching, and holding of a 4 A device.
Figure AN1002.9
Typical Gating, Latching, and Holding Relationships of 4 A Triac at 25 °C
The relationships of gating, latching, and holding for several
device types are shown in the following table. For convenience
all ratios are referenced to Quadrant I gating.
A
K
A
K
G
G
Sensitive
SCR
Power
SCR
MT2
G
G
Sensitive
Triac
Power
Triac
*
*
Resistor is provided for limiting gate
current (IGTM) peaks to power device.
*
MT2
MT1
MT1
Typical 4 A Triac Gating, Latching,
and Holding Relationship
Parameter
Quadrants or Operating Mode
Quadrant I
Quadrant II
Quadrant III Quadrant IV
IGT (mA)
10
17
18
27
IL (mA)
12
48
12
13
IH (mA)
10
10
12
12
50
40
30
20
10
0
10
20
30
40
(mA)
20
10
20
10
QUADRANT II
QUADRANT III
(mA)
QUADRANT I
QUADRANT IV
IGT (Solid Line)
IL (Dotted Line)
IH(+)
IH(–)
Typical Ratio of Gating, Latching, and Holding Currents at 25 °C
Devices
Ratio
4A Triac
1.6
2.5
2.7
1.2
4.8
1.2
1.3
1.0
1.2
10 A Triac
1.5
1.4
3.1
1.6
4.0
1.8
2.0
1.1
1.6
15 A Alternistor
1.5
1.8
–
2.4
7.0
2.1
–
2.2
1.9
1 A Sensitive SCR
–––
25
–––
25
–
6A SCR
–
–
–
3.2
–
–
–
2.6
–
IGT II
()
IGT I()
------------------
IGT III
()
IGT I()
--------------------
IGT IV
()
IGT I()
--------------------
IL I()
IGT I()
----------------
IL II
()
IGT I()
----------------
IL III
()
IGT I()
----------------
IL IV
()
IGT I()
----------------
IH +
()
IGT I()
----------------
IH(-)
IGT I()
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com