Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 178 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 178 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 174Page - Teccor Electronics AC16FSM Datasheet HTML 175Page - Teccor Electronics AC16FSM Datasheet HTML 176Page - Teccor Electronics AC16FSM Datasheet HTML 177Page - Teccor Electronics AC16FSM Datasheet HTML 178Page - Teccor Electronics AC16FSM Datasheet HTML 179Page - Teccor Electronics AC16FSM Datasheet HTML 180Page - Teccor Electronics AC16FSM Datasheet HTML 181Page - Teccor Electronics AC16FSM Datasheet HTML 182Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 223 page
background image
AN1007
Application Notes
http://www.teccor.com
AN1007 - 6
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Time Delay Relay Circuit
By combining a 555 timer IC with a triac, various time delays of
several seconds can be achieved for delayed activation of solid
state relays or switches. Figure AN1007.15 shows a solid state
timer delay relay using a sensitive gate triac and a 555 timer IC.
The 555 timer precisely controls time delay of operation using an
external resistor and capacitor, as illustrated by the resistor and
capacitor combination curves. (Figure AN1007.16)
Figure AN1007.15
555 timer circuit with 10 second delay
Figure AN1007.16
Resistor (R) and capacitor (C) combination curves
IR Motion Control
An example of a more complex triac switch is an infrared (IR)
motion detector controller circuit. Some applications for this cir-
cuit are alarm systems, automatic lighting, and auto doorbells.
Figure AN1007.17 shows an easy- to-implement automatic light-
ing system using an infrared motion detector control circuit. A
commercially available LSI circuit HT761XB, from Holtek, inte-
grates most of the analog functions. This LSI chip, U2, contains
the op amps, comparators, zero crossing detection, oscillators,
and a triac output trigger. An external RC that is connected to the
OSCD pin determines the output trigger pulse width. (Holtek
Semiconductor Inc. is located at No.3, Creation Road II, Science-
Based Industrial Park, Hsinchu, Taiwan, R.O.C.) Device U1 pro-
vides the infrared sensing. Device R13 is a photo sensor that
serves to prevent inadvertent triggering under daylight or other
high light conditions.
Choosing the right triac depends on the load characteristics. For
example, an incandescent lamp operating at 110 V requires a
200 V, 8 A triac. This gives sufficient margin to allow for the high
current state during lamp burn out. U2 provides a minimum out-
put triac negative gate trigger current of 40 mA, thus operating in
QII & QIII. This meets the requirements of a 25 mA gate triac.
Teccor also offers alternistor triacs for inductive load conditions.
This circuit has three operating modes (ON, AUTO, OFF), which
can be set through the mode pin. While the LSI chip is working in
the auto mode, the user can override it and switch to the test
mode, or manual on mode, or return to the auto mode by switch-
ing the power switch. More information on this circuit, such as
mask options for the infrared trigger pulse and flash options, are
available in the Holtek HT761X General Purpose PIR Controller
specifications.
Figure AN1007.17
I R motion control circuit
555
10 K
0.1 µF
0.01 µF
1 µF
1 K
LOAD
MT2
MT1
G
10 M
1N4740
3.5 K
10 µF
+
_
1N4003
-10 V
250 V
120 V
60 Hz
4
38
2
5
1
6
7
R
C
10ms
100ms
1ms
10ms
100ms
1.0
10
100
0.001
0.01
0.1
1.0
10
100
td TIME DELAY (s)
S
G
D
U1
PIR
SD622
(Nippon
Ceramic)
1
3
C4
100µF
56K
R3
2
C13
0.02µF
C12
22µF
R12
22K
C9
10µF
C2
0.02µF
R4
1M
C1
100µF
Q1
TRIAC
Q2008L4
AC
LP1
Lamp
60 to
600
Watt
C8
0.1µF
D3
1N4002
SW1
ON/OFF
OVERRIDE
AC+
110
R9
1M
R7
1M
R8 569K
C3
100pF
C7
3900pF
U2
VSS
TRIAC
OSCD
OSCS
ZC
CDS
MODE
VDD
OP20
OP2N
OP2P
OP10
OP1N
OP1P
RSTB
VEE
1
2
3
4
5
6
7
8
HT761XB
-16 DIP/SOP
9
10
11
12
13
14
15
16
R6
1M
0.02µF
C5
C6
22µF
R5
22K
SW2
Mode
R2
2.4M
D4
1N4002
*R10
D1
12V
R13
CDS
C11
330µF
D2
1N4002
C10
0.33µF
350V
R14
68W 2W
R9
1M
D5
1N4002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com