Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 182 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 182 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 178Page - Teccor Electronics AC16FSM Datasheet HTML 179Page - Teccor Electronics AC16FSM Datasheet HTML 180Page - Teccor Electronics AC16FSM Datasheet HTML 181Page - Teccor Electronics AC16FSM Datasheet HTML 182Page - Teccor Electronics AC16FSM Datasheet HTML 183Page - Teccor Electronics AC16FSM Datasheet HTML 184Page - Teccor Electronics AC16FSM Datasheet HTML 185Page - Teccor Electronics AC16FSM Datasheet HTML 186Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 223 page
background image
AN1008
Application Notes
http://www.teccor.com
AN1008 - 4
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
IGT: DC Gate Trigger Current
SCR
IGT is the minimum DC gate current required to cause the thyris-
tor to switch from the non-conducting to the conducting state for
a specified load voltage and current as well as case temperature.
The characteristic curve illustrated in Figure AN1008.6 shows
that trigger current is temperature dependent. The thyristor
becomes less sensitive (requires more gate current) with
decreasing junction temperatures. The gate current should be
increased by a factor of two to five times the minimum threshold
DC trigger current for best operation. Where fast turn-on is
demanded and high di/dt is present or low temperatures are
expected, the gate pulse may be 10 times the minimum IGT, plus
it must be fast-rising and of sufficient duration in order to properly
turn on the thyristor.
Figure AN1008.6
Normalized DC Gate Trigger Current for All
Quadrants versus Case Temperature
Triac
The description for the SCR applies as well to the triac with the
addition that the triac can be fired in four possible modes (Figure
AN1008.7):
Quadrant I (main terminal 2 positive, gate positive)
Quadrant II (main terminal 2 positive, gate negative)
Quadrant III (main terminal 2 negative, gate negative)
Quadrant IV (main terminal 2 negative, gate positive)
Figure AN1008.7
Definition of Operating Quadrants
VGT: DC Gate Trigger Voltage
SCR
VGT is the DC gate-cathode voltage that is present just prior to
triggering when the gate current equals the DC trigger current. As
shown in the characteristic curve in Figure AN1008.8, the gate
trigger voltage is higher at lower temperatures. The gate-cathode
voltage drop can be higher than the DC trigger level if the gate is
driven by a current higher than the trigger current.
Triac
The difference in VGT for the SCR and the triac is that the triac
can be fired in four possible modes. The threshold trigger voltage
can be slightly different, depending on which of the four operating
modes is actually used.
Figure AN1008.8
Normalized DC Gate Trigger Voltage for All
Quadrants versus Case Temperature
IL: Latching Current
SCR
Latching current is the DC anode current above which the gate
signal can be withdrawn and the device stays on. It is related to,
has the same temperature dependence as, and is somewhat
greater than the DC gate trigger current. (Figure AN1008.1 and
Figure AN1008.2) Latching current is at least equal to or much
greater than the holding current, depending on the thyristor type.
Latching current is greater for fast-rise-time anode currents since
not all of the chip/die is in conduction. It is this dynamic latching
current that determines whether a device will stay on when the
gate signal is replaced with very short gate pulses. The dynamic
latching current varies with the magnitude of the gate drive cur-
rent and pulse duration. In some circuits, the anode current may
oscillate and drop back below the holding level or may even go
negative; hence, the unit may turn off and not latch if the gate sig-
nal is removed too quickly.
Triac
The description of this characteristic for the triac is the same as
for the SCR, with the addition that the triac can be latched on in
four possible modes (quadrants). Also, the required latching is
significantly different depending on which gating quadrants are
used. Figure AN1008.9 illustrates typical latching current require-
ments for the four possible quadrants of operation.
0
1.0
2.0
3.0
4.0
-65
-15
+65
+25
+125
-40
Case Temperature (TC) – ˚C
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-
NOTE: Alternistors will not operate in Q IV
0
.5
1.0
1.5
2.0
-65
-15
+65
+25
+125
-40
Case Temperature (TC) – ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com