Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7879 Datasheet HTML 3Page - Analog Devices AD7879 Datasheet HTML 4Page - Analog Devices AD7879 Datasheet HTML 5Page - Analog Devices AD7879 Datasheet HTML 6Page - Analog Devices AD7879 Datasheet HTML 7Page - Analog Devices AD7879 Datasheet HTML 8Page - Analog Devices AD7879 Datasheet HTML 9Page - Analog Devices AD7879 Datasheet HTML 10Page - Analog Devices AD7879 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
AD7879/AD7889
Rev. D | Page 7 of 40
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
AUX/
VBAT/
GPIO VCC/REF
X+
Y+
DOUT
DIN
X–
SCL
GND
Y–
1
A
B
C
D
23
BALL A1
INDICATOR
PENIRQ/
INT/DAV
CS
Figure 5. AD7879/AD7889 WLCSP Pin Configuration
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
AUX/
VBAT/
GPIO VCC/REF
X+
Y+
SDA
ADD1
X–
SCL
GND
Y–
1
A
B
C
D
23
BALL A1
INDICATOR
PENIRQ/
INT/DAV ADD0
Figure 6. AD7879-1/AD7889-1 WLCSP Pin Configuration
Table 6. WLCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
AD7879/
AD7889
AD7879-1/
AD7889-1
1A
1A
AUX/VBAT/GPIO
This pin can be programmed as an auxiliary input to the ADC (AUX), as a battery
measurement input to the ADC (VBAT), or as a GPIO.
1B
1B
PENIRQ/INT/DAV
Interrupt Output. This pin is asserted when the screen is touched (PENIRQ), when a
measurement exceeds the preprogrammed limits (INT), or when new data is available
in the registers (DAV). This pin is active low and has an internal 50 kΩ pull-up resistor.
1C
Not applicable
DOUT
SPI Serial Data Output for the AD7879/AD7889.
Not applicable
1C
SDA
I2C Serial Data Input and Output for the AD7879-1/AD7889-1.
1D
1D
SCL
Serial Interface Clock Input.
2A
2A
VCC/REF
Power Supply Input and ADC Reference.
2B
Not applicable
CS
Chip Select for the SPI Serial Interface on the AD7879/AD7889. This pin is active low.
Not applicable
2B
ADD0
I2C Address Bit 0 for the AD7879-1/AD7889-1. Tie this pin high or low to determine an
address for the AD7879-1/AD7889-1 (see Table 25).
2C
Not applicable
DIN
SPI Serial Data Input to the AD7879/AD7889.
Not
applicable
2C
ADD1
I2C Address Bit 1 for the AD7879-1/AD7889-1. Tie this pin high or low to determine an
address for the AD7879-1/AD7889-1 (see Table 25).
2D
2D
GND
Ground. This pin is the ground reference point for all circuitry on the AD7879/AD7889.
Refer all analog input signals and any external reference signal to this voltage.
3A
3A
X+
Touch Screen Input Channel.
3B
3B
Y+
Touch Screen Input Channel.
3C
3C
X−
Touch Screen Input Channel.
3D
3D
Y−
Touch Screen Input Channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com