Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 1 Page - Analog Devices

  AD7879 Datasheet HTML 1Page - Analog Devices AD7879 Datasheet HTML 2Page - Analog Devices AD7879 Datasheet HTML 3Page - Analog Devices AD7879 Datasheet HTML 4Page - Analog Devices AD7879 Datasheet HTML 5Page - Analog Devices AD7879 Datasheet HTML 6Page - Analog Devices AD7879 Datasheet HTML 7Page - Analog Devices AD7879 Datasheet HTML 8Page - Analog Devices AD7879 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Low Voltage Controller for Touch Screens
Data Sheet
AD7879/AD7889
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
4-wire touch screen interface
1.6 V to 3.6 V operation
Median and averaging filter to reduce noise
Automatic conversion sequencer and timer
User-programmable conversion parameters
Auxiliary analog input/battery monitor (0.5 V to 5 V)
1 optional GPIO
Interrupt outputs (INT, PENIRQ)
Touch-pressure measurement
Wake-up on touch function
Shutdown mode: 6 μA maximum
12-ball, 1.6 mm × 2 mm WLCSP
16-lead, 4 mm × 4 mm LFCSP
APPLICATIONS
Personal digital assistants
Smart handheld devices
Touch screen monitors
Point-of-sale terminals
Medical devices
Cell phones
FUNCTIONAL BLOCK DIAGRAM
REF+
X– Y– X+ Y+
RESULT
REGISTERS
CONTROL
REGISTERS
SEQUENCER
AND TIMER
REF–
TEMPERATURE
SENSOR
TO
RESULT
REGISTERS
AD7879/
AD7879-1
AD7889/
AD7889-1
VCC/REF
X+
X–
Y+
Y–
GND
SERIAL PORT
DIN/
ADD1
DOUT/
SDA
SCL
CS/
ADD0
12-BIT
SAR ADC
REF–
Figure 1.
GENERAL DESCRIPTION
The AD7879/AD7889 are 12-bit successive approximation
analog-to-digital converters (SAR ADCs) with a synchronous
serial interface and low on-resistance switches for driving 4-wire
resistive touch screens. The AD7879/AD7889 work with a very
low power supply—a single 1.6 V to 3.6 V supply—and feature a
throughput rate of 105 kSPS. The devices include a shutdown
mode that reduces current consumption to less than 6 μA.
To reduce the effects of noise from LCDs and other sources, the
AD7879/AD7889 contain a preprocessing block. The
preprocessing function consists of a median filter and an
averaging filter. The combination of these two filters provides a
more robust solution, discarding the spurious noise in the signal
and keeping only the data of interest. The size of both filters is
programmable. Other user-programmable conversion controls
include variable acquisition time and first conversion delay; up
to 16 averages can be taken per conversion. The AD7879/AD7889
can run in slave mode or standalone (master) mode, using an
automatic conversion sequencer and timer.
The AD7879/AD7889 have a programmable pin that can
operate as an auxiliary input to the ADCs, as a battery monitor,
or as a general-purpose input/output (GPIO). In addition, a
programmable interrupt output can operate in three modes: as a
general-purpose interrupt to signal when new data is available
(DAV), as an interrupt to indicate when limits are exceeded
(INT), or as a pen-down interrupt when the screen is touched
(PENIRQ). The AD7879/AD7889 offer temperature
measurement and touch pressure measurement.
The AD7879 is available in a 12-ball, 1.6 mm × 2 mm WLCSP
and in a 16-lead, 4 mm × 4 mm LFCSP. The AD7889 is available
in a backside coated version of the WLCSP. Both devices support
an SPI interface (AD7879/AD7889) or an I2C interface (AD7879-1/
AD7889-1).
Note that throughout this data sheet, multifunction pins, such
as PENIRQ/INT/DAV, are referred to either by the entire pin
name or by a single function of the pin, for example, PENIRQ,
when only that function is relevant.


Similar Part No. - AD7879

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
Low Voltage Controller for Touch Screens
REV. 0
AD7879 AD-AD7879 Datasheet
779Kb / 40P
Low Voltage Controller for Touch Screens
Rev. D
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
652Kb / 36P
Low Voltage Controller for Touch Screens
REV. 0
AD7879-1ACBZ-500R7 AD-AD7879-1ACBZ-500R7 Datasheet
779Kb / 40P
Low Voltage Controller for Touch Screens
Rev. D
AD7879-1ACBZ-RL AD-AD7879-1ACBZ-RL Datasheet
652Kb / 36P
Low Voltage Controller for Touch Screens
REV. 0
More results

Similar Description - AD7879

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Analog Devices
AD7879 AD-AD7879 Datasheet
652Kb / 36P
Low Voltage Controller for Touch Screens
REV. 0
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
FTAS00-150A5 ETC2-FTAS00-150A5 Datasheet
470Kb / 6P
Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
logo
Texas Instruments
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Analog Devices
AD7889 AD-AD7889 Datasheet
779Kb / 40P
Low Voltage Controller for Touch Screens
Rev. D
logo
Asahi Kasei Microsystem...
AK4187 AKM-AK4187 Datasheet
448Kb / 36P
Touch Screen Controller for Dual Touch Gestures
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
Low Voltage I/O Touch Screen Controller
logo
3M Electronics
69-502 3M-69-502 Datasheet
131Kb / 2P
MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com