Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 3 Page - Analog Devices

  AD7879 Datasheet HTML 1Page - Analog Devices AD7879 Datasheet HTML 2Page - Analog Devices AD7879 Datasheet HTML 3Page - Analog Devices AD7879 Datasheet HTML 4Page - Analog Devices AD7879 Datasheet HTML 5Page - Analog Devices AD7879 Datasheet HTML 6Page - Analog Devices AD7879 Datasheet HTML 7Page - Analog Devices AD7879 Datasheet HTML 8Page - Analog Devices AD7879 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
AD7879/AD7889
Rev. D | Page 3 of 40
SPECIFICATIONS
VCC = 1.6 V to 3.6 V, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC ACCURACY
Resolution
12
Bits
No Missing Codes
11
12
Bits
Integral Nonlinearity (INL)1
±3
LSB
LSB size = 390 µV
Differential Nonlinearity (DNL)1
LSB size = 390 µV
Negative DNL
−0.99
LSB
Positive DNL
2
LSB
Offset Error1, 2
±2
±6
LSB
Gain Error1, 2
±4
LSB
Noise3
70
µV rms
Power Supply Rejection3
60
dB
Internal Clock Frequency
2
MHz
Internal Clock Accuracy
1.8
2.2
MHz
SWITCH DRIVERS
On Resistance1
Y+, X+
6
Ω
Y−, X−
5
Ω
ANALOG INPUTS
Input Voltage Range
0
V
CC
V
DC Leakage Current
±0.1
µA
Input Capacitance
30
pF
Accuracy
0.3
%
TEMPERATURE MEASUREMENT
Temperature Range
−40
+85
°C
Resolution
0.3
°C
Accuracy2
±2
°C
Calibrated at 25°C
BATTERY MONITOR
Input Voltage Range
0.5
5
V
Input Impedance3
16
kΩ
Accuracy
2
5
%
Uncalibrated accuracy
LOGIC INPUTS (DIN, SCL, CS, SDA, GPIO)
Input High Voltage, V
INH
0.7 × V
CC
V
Input Low Voltage, V
INL
0.3 × V
CC
V
Input Current, I
IN
0.01
µA
V
IN = 0 V or VCC
Input Capacitance, C
IN
3
10
pF
LOGIC OUTPUTS (DOUT, GPIO, SCL, SDA, INT)
Output High Voltage, V
OH
V
CC − 0.2
V
Output Low Voltage, V
OL
0.4
V
Floating State Leakage Current
±0.1
µA
Floating State Output Capacitance2
5
pF
CONVERSION RATE3
Conversion Time
9.5
µs
Including 2 µs of acquisition time, median
and averaging (MAV) filter off; 2 µs of add-
itional time is required if the MAV filter is on
Throughput Rate
105
kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com