Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7879 Datasheet HTML 16Page - Analog Devices AD7879 Datasheet HTML 17Page - Analog Devices AD7879 Datasheet HTML 18Page - Analog Devices AD7879 Datasheet HTML 19Page - Analog Devices AD7879 Datasheet HTML 20Page - Analog Devices AD7879 Datasheet HTML 21Page - Analog Devices AD7879 Datasheet HTML 22Page - Analog Devices AD7879 Datasheet HTML 23Page - Analog Devices AD7879 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD7879/AD7889
Data Sheet
Rev. D | Page 20 of 40
CONVERSION TIMING
Conversion timing or update rate is the rate at which the
AD7879/AD7889 provides converted values from the ADC so
that the XY positions in the touch screen can be updated. In
other words, the update rate is the timing required to give valid
measurements in the sequencer.
Figure 29 shows conversion timing for a conversion sequence.
F
C
D
TMEASURE
F
C
D
TMEASURE
F
C
D
TMEASURE
F
C
D
F
C
D
TMEASURE TMEASURE TMEASURE
X+
× M
× M
× M
× M
× M
× M
Y+
Z1
Z2
VBAT/AUX
TEMP
Figure 29. Conversion Timing Sequence
FCD is required before each touch screen measurement (X+,
Y+, Z1, and Z2). This time is required to allow the screen inputs
to settle before converting. If the sequence does not contain any
screen channel (VBAT, AUX, or TEMP), only one FCD is added
at the start of the sequence. At the end of the sequence, there is
always another FCD.
TMEASURE is the time required to perform one measurement in
the conversion sequence.
TMEASURE = (ACQ (2 μs, 4 μs, 8 μs, 16 μs) + TCONV (7.5 μs) +
TSORT (2 μs))
where:
ACQ is the acquisition time which is programmable in Control
Register 1. For temperature measurements, ACQ is fixed at 16 μs.
TCONV (typical ADC conversion time) is specified at 7.5 μs.
TSORT is the time needed to sort the new sample within the
median filter array. The TSORT value is approximately 2 μs. If a
median filter is not used (MED =0), the TSORT value is 0.
TMEASURE_MIN = 9.5 μs (ACQ = 2 μs, no median filter)
Conversion time per channel depends on the number of
samples to be converted. The number of samples is pro-
grammed using the following median filter settings:
TCHANNEL = TMEASURE × MED
TCHANNEL_MIN =9.5 μs (ACQ = 2 μs, MED = 0)
TCHANNEL_MAX = 376 μs (ACQ = 16 μs, MED = 16)
Update Rate = (FCD + (TMEASURE × MED)) × N + FCD +
TMR
where:
MED = median filter setting (1, 4, 8, 16).
N = number of channels to be measured (1 to 6).
TMR = timer setting (0 μs to 9.4 ms).
The total update rate depends on the median filter settings and
the number of channels in the conversion sequence. The timer
setting (TMR) allows the user more flexibility to program the
update rate.
For example, if
ACQ = 4 μs
MED = 8
N = 2
FCD = 1.024 ms
TMR = 620 μs
TMEASURE = 4 + 7.5 + 2 = 13.5 μs
TCHANNEL = (13.5 × 8) = 108 μs
Then, Update Rate = (1024 + 108) × 2 + 1024 + 620 = 3.9 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com