Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7879 Datasheet HTML 15Page - Analog Devices AD7879 Datasheet HTML 16Page - Analog Devices AD7879 Datasheet HTML 17Page - Analog Devices AD7879 Datasheet HTML 18Page - Analog Devices AD7879 Datasheet HTML 19Page - Analog Devices AD7879 Datasheet HTML 20Page - Analog Devices AD7879 Datasheet HTML 21Page - Analog Devices AD7879 Datasheet HTML 22Page - Analog Devices AD7879 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Data Sheet
AD7879/AD7889
Rev. D | Page 19 of 40
GPIO Interrupt Enable (Bit 12, Control Register 3,
Address 0x03)
The GPIO pin can operate as an interrupt source to trigger the
INT output. This is controlled by Bit 12 in Control Register 3.
If the GPIO ALERT interrupt enable bit is set to 0, the GPIO can
trigger INT. If this bit is set to 1, the GPIO cannot trigger INT.
INT is asserted if the GPIO data register bit is set when the
GPIO is configured as an input, provided that INT is enabled.
INT is triggered only when the GPIO is configured as an input,
that is, when GPIO DIR = 1.
INT is cleared only when the GPIO signal or the GPIO enable
bit changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com