Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7879 Datasheet HTML 20Page - Analog Devices AD7879 Datasheet HTML 21Page - Analog Devices AD7879 Datasheet HTML 22Page - Analog Devices AD7879 Datasheet HTML 23Page - Analog Devices AD7879 Datasheet HTML 24Page - Analog Devices AD7879 Datasheet HTML 25Page - Analog Devices AD7879 Datasheet HTML 26Page - Analog Devices AD7879 Datasheet HTML 27Page - Analog Devices AD7879 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD7879/AD7889
Data Sheet
Rev. D | Page 24 of 40
Table 14. Control Register 3
Address
Bit Name
Data Bit
Description
Default Value
0x03
TEMP MASK
15
TEMP mask bit.
0x0000
0 = temperature measurement is allowed to cause interrupt.
1 = temperature measurement is not allowed to cause interrupt.
AUX/VBAT MASK
14
AUX/VBAT mask bit.
0 = AUX/VBAT measurement is allowed to cause interrupt.
1 = AUX/VBAT measurement is not allowed to cause interrupt.
INT MODE
13
DAV/INT mode select.
0 = enable DAV mode.
1 = enable INT mode.
This bit overrides any mask bits associated with individual channels.
GPIO ALERT
12
GPIO interrupt enable.
0 = GPIO can cause an alert on the INT output.
1 = mask GPIO from causing an alert on the INT output.
AUX/VBAT LOW
11
1 = AUX/VBAT below low limit.
AUX/VBAT HIGH
10
1 = AUX/VBAT above high limit.
TEMP LOW
9
1 = TEMP below low limit.
TEMP HIGH
8
1 = TEMP above high limit.
X+
7
1 = include measurement of Y position (X+ input).
Y+
6
1 = include measurement of X position (Y+ input).
Z1
5
1 = include Z1 touch-pressure measurement (X+ input).
Z2
4
1 = include measurement of Z2 touch-pressure measurement (Y− input).
AUX
3
1 = include measurement of AUX channel.1
VBAT
2
1 = include measurement of battery monitor (VBAT).1
TEMP
1
1 = include temperature measurement.
Not used
0
Unused.
1 If GPIO is enabled in Control Register 2 (Bit 13), AUX and VBAT are both ignored. If AUX and VBAT are both selected and GPIO is disabled, AUX is ignored and VBAT is
measured.
Table 15. Limit Registers
Address
Register Name
Data Bit
Description
Default Value
0x04
AUX/VBAT high limit
[15:0]
User-programmable AUX/VBAT high limit register
0x0000
0x05
AUX/VBAT low limit
[15:0]
User-programmable AUX/VBAT low limit register
0x0000
0x06
TEMP high limit
[15:0]
User-programmable TEMP high limit register
0x0000
0x07
TEMP low limit
[15:0]
User-programmable TEMP low limit register
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com