Electronic Components Datasheet Search
  English  ▼

X  

AD7879 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7879
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7879 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7879 Datasheet HTML 29Page - Analog Devices AD7879 Datasheet HTML 30Page - Analog Devices AD7879 Datasheet HTML 31Page - Analog Devices AD7879 Datasheet HTML 32Page - Analog Devices AD7879 Datasheet HTML 33Page - Analog Devices AD7879 Datasheet HTML 34Page - Analog Devices AD7879 Datasheet HTML 35Page - Analog Devices AD7879 Datasheet HTML 36Page - Analog Devices AD7879 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
AD7879/AD7889
Rev. D | Page 33 of 40
SERIAL INTERFACE
The AD7879 and AD7879-1 (AD7889 and AD7889-1) differ
only in the serial interface provided on the device. The AD7879
and the AD7889 are available with a serial peripheral interface
(SPI). The AD7879-1 and the AD7889-1 are available with an
I2C-compatible interface. It is recommended that addresses
outside the register map not be written to.
SPI INTERFACE
The AD7879/AD7889 have a 4-wire SPI. The SPI has a data
input pin (DIN) for inputting data to the device, a data output pin
(DOUT) for reading data back from the device, and a data clock
pin (SCL) for clocking data into and out of the device. A chip
select pin (CS) enables or disables the serial interface. CS is
required for correct operation of the SPI interface. Data is
clocked out of the AD7879/AD7889 on the falling edge of SCL,
and data is clocked into the device on the rising edge of SCL.
SPI Command Word
All data transactions on the SPI bus begin with the master taking
CS from high to low and sending out the command word. This
indicates to the AD7879/AD7889 whether the transaction is a
read or a write and gives the address of the register from which
to begin the data transfer. The bit map in Table 24 shows the
SPI command word.
Table 24. SPI Command Word
MSB
LSB
15
14
13
12
11
10
[9:0]
1
1
1
0
0
R/W
Register address
Bits[15:11] of the command word must be set to 11100 to
successfully begin a bus transaction.
Bit 10 is the read/write bit; 1 indicates a read, and 0 indicates
a write.
Bits[9:0] contain the target register address. When reading or
writing to more than one register, this address indicates the
address of the first register to be written to or read from.
Writing Data
Data is written to the AD7879/AD7889 in 16-bit words. The
first word written to the device is the command word, with the
read/write bit set to 0. The master then supplies the 16-bit input
data-word on the DIN line. The AD7879/AD7889 clock the data
into the register addressed in the command word. If there is more
than one word of data to be clocked in, the AD7879/AD7889
automatically increment the address pointer and clocks the next
data-word into the following register.
The AD7879/AD7889 continue to clock in data on the DIN line
until the master ends the write transition by pulling CS high or
until the address pointer reaches its maximum value. The AD7879/
AD7889 address pointer does not wrap. When the address
pointer reaches its maximum value, any data provided by the
master on the DIN line is ignored by the AD7879/AD7889.
NOTES
1. DATA BITS ARE LATCHED ON SCL RISING EDGES. SCL CAN IDLE HIGH OR LOW BETWEEN WRITE OPERATIONS.
2. ALL 32 BITS MUST BE WRITTEN: 16 BITS FOR THE COMMAND WORD AND 16 BITS FOR DATA.
3. 16-BIT COMMAND WORD SETTINGS FOR SINGLE WRITE OPERATION:
CW[15:11] = 11100 (ENABLE WORD)
CW[10] = 0 (R/W)
CW[9:0] = [AD9, AD8, AD7, AD6, AD5, AD4, AD3, AD2, AD1, AD0] (10-BIT MSB JUSTIFIED REGISTER ADDRESS)
CW
11
CW
10
CW
13
CW
12
DIN
CW
15
CW
14
CW
9
CW
7
CW
6
CW
5
CW
4
CW
3
CW
2
CW
1
CW
0
D2
D1
D0
CW
8
t4
t8
16-BIT COMMAND WORD
16-BIT DATA
5
32
6789
10
11
12
13
14
15
16
30
31
SCL
1234
D15
D14
D13
17
18
19
CS
ENABLE WORD
R/W
REGISTER ADDRESS
t2
t1
t3
t5
Figure 39. Single Register Write, SPI Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com