Electronic Components Datasheet Search
  English  ▼

X  

HA16129AFPJ Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # HA16129AFPJ
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA16129AFPJ Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button HA16129AFPJ Datasheet HTML 15Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 16Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 17Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 18Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 19Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 20Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 21Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 22Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
HA16129AFPJ
17
System Circuit Examples
VCC
STBY
P-RUN
Rf
Cf
GND
Voadj
OUTE
STBYadj
NMIadj
NMIsns
CONT
CS
VOUT
CRES
RR
CR
RT
RES
NMI
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
0.2
+
200
µ
+
IGN
SW.
BATTERY
DS
STBY
RES
NMI
PORT
VCC
(5 V)
PORT
To other power supplies
1500p
0.1
µ
3300p
180k
390k
180k
VCC
STBY
P-RUN
Rf
Cf
GND
Voadj
OUTE
STBYadj
NMIadj
NMIsns
CONT
CS
VOUT
CRES
RR
CR
RT
RES
NMI
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
0.2
+
200
µ
STBY
RES
NMI
PORT
VCC
(5V)
PORT
1500p
0.1
µ
3300p
180k
390k
180k
+
IGN
SW.
BATTERY
DS
To other power supplies
DZ
Primary detection
Backup circuit
• Example of a basic system
• Example of a system using a backup circuit and a primary voltage monitoring circuit
DS:
DZ:
R2
R1
R3
R4
Q1
Q2
D1
R5
Schottky diode
Zener diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com