| Electronic Components Datasheet Search |
|
HA16129AFPJ Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HA16129AFPJ Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
|
11 / 26 page ![]() HA16129AFPJ 9 Calculation Formulas (cont) Item Formula Notes V STBY VSTBY = 1.48 × 67.6 29.5 + 36.2 // R1 + 1 ( ( The voltage at which the STBY signal is output when Vout falls. The STBY detection voltage can be adjusted by connecting a resistor between the STBYadj pin and ground (R3). However, the STBY recovery voltage cannot be adjusted. STBY VSTBY VSTBY’ Vout t STBYadj Vout STBY R1 V NMI (Vout detection) VNMI = 1.2 × 1 + R1, R2; k Ω R1 // 73 R2 // 25 ( ( The voltage at which the NMI signal is output when Vout falls. (When NMIsns is connected to Vout.) The NMI detection voltage can be adjusted by connecting resistors between the NMIadj pin and Vout (R1), and between the NMIadj pin and ground (R2). NMI VNMI VNMI’ Vout t Vout R1 NMI NMIsns NMIadj R2 GND V NMI (V CC detection) VNMI = 4.62 × Recovery voltage R1 R2 // 97.1 ( ( + 1 VNMI = 4.68 × R1, R2; k Ω R1 R2 // 45.5 ( ( + 1 The voltage at which the NMI signal is output when V CC falls. (When NMIsns is connected to V CC.) The NMI detection voltage can be adjusted by connecting resistors between the NMIsns pin and V CC (R1), and between the NMIsns pin and ground (R2). NMI VNMI VNMI’ VCC t Vout NMI NMIsns R2 GND R1 VCC CS OUTE CR × RR > 19.3 × Cf × Rf If the OUTE function is used, the relationship shown at the left must be fulfilled to assure that pulses are not incorrectly generated in this output when a microprocessor runaway state is detected. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |