Electronic Components Datasheet Search
  English  ▼

X  

HA16129AFPJ Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HA16129AFPJ
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA16129AFPJ Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HA16129AFPJ Datasheet HTML 5Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 6Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 7Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 8Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 9Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 10Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 11Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 12Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
HA16129AFPJ
7
t
ON
t
ON is the time from the point the NMI output goes high when power is first applied to the point the RES
output goes low. t
ON is the time for the potential of the CR pin to reach VthHcr1 from 0 V.
tr
The time tr is the fixed delay time between the point the
NMI output goes from low to high after the power-
supply voltage comes up to the point
RES goes from low to high. The time tr is the time for the CRES pin
potential to fall from the high voltage (about 1.9 V) to Vthcres.
t
RES
The time t
RES is the fixed delay time between the point the NMI output goes from high to low when the
power-supply voltage falls to the point
RES goes from high to low. The time t
RES is the time for the CRES pin
potential to rise from 0 V to Vthcres.
WDT Function
This function determines whether the microprocessor is operating normally or has entered a runaway state
by monitoring the duty or frequency of the P-RUN signal. When this function recognizes a runaway state,
it outputs a reset pulse from the
RES pin and sets the OUTE pin to low from high. It holds the RES and
OUTE pins fixed at high as long as it recognizes normal microprocessor operation.
In this function, the potential of the Cf capacitor is controlled by the P-RUN signal. This Cf pin potential
charges the capacitor C
R that controls the reset pulse to be between VthLcf and VthHcf.
The judgment as
to whether or not the microprocessor is operating normally, is determined by the balance between the
charge and discharge voltage on the capacitor C
R at this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com