Electronic Components Datasheet Search
  English  ▼

X  

HA16129AFPJ Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # HA16129AFPJ
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA16129AFPJ Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button HA16129AFPJ Datasheet HTML 12Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 13Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 14Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 15Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 16Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 17Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 18Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 19Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
HA16129AFPJ
14
Electrical Characteristics (Ta = 25
°C, V
CC = 12V, Vout = 5.0V, Rf = RR = 180k Ω, Cf =
3300pF, C
R = 0.1µF, RT = 390kΩ, CRES = 1500pF, RCS = 0.2Ω)
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
Power supply current
I
CC
10
15
mA
Short detection voltage
V
CS
400
700
900
mV
V
CS = (VCC pin
voltage
−
CS pin
voltage)
Regulator
block
Output voltage
Vout
4.925
5.00
5.075
V
V
CC = 12V,
Icont = 5mA
Input voltage stabilization Volin
−30
30
mV
V
CC =
6 to 17.5V,
Icont = 10mA
Load current stabilization Voload
−30
30
mV
Icont =
0.1 to 15mA
Ripple exclusion ratio
R
REJ
(45)
75
dB
Vi = 0.5Vrms,
fi = 1kHz
Output voltage
temperature coefficient
| δVout/δT |
40
(200)
ppm/
°C Icont = 5mA
Output voltage
adjustment range
V
oMAX

7.0
V
P-RUN
input block
Input high-level voltage
V
iH
2.0

V
Input low-level voltage
V
iL

0.8
V
Input high-level current
I
iH
300
500
µAV
iH = 5.0V
Input low-level current
I
iL
−50
5
µAV
iL = 0.0V
NMI output
block
High level
V
OHN
Vout
− 0.2 Vout
Vout + 0.2 V
I
OHN = 0mA
Low level
V
OLN

0.4
V
I
OLN = 2.0mA
Function start voltage
V
STN
0.7
1.4
V
STBY
output
block
High level
V
OHS
Vout
− 0.2 Vout
Vout + 0.2 V
I
OHS = 0mA
Low level
V
OLS

0.4
V
I
OLS = 2.0mA
Function start voltage
V
STS
0.7
1.4
V
Note:
Values in parentheses are design reference values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com