Electronic Components Datasheet Search
  English  ▼

X  

HA16129AFPJ Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # HA16129AFPJ
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA16129AFPJ Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button HA16129AFPJ Datasheet HTML 18Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 19Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 20Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 21Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 22Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 23Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 24Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 25Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
HA16129AFPJ
20
Ta = 25
°C, Rf = 180kΩ, Cf = 3300pF,
RT = 390kΩ, CRES = 1500pF
10000
1000
100
10
10
100
500
1000
Rf Resistance (k
Ω)
500
Ta = 25
°C, Cf = 3300pF, R
R = 180kΩ,
RT = 390kΩ, CR = 0.1µF
50
5000
50
CRES = 0.01µF
CRES = 1500pF
CRES = 560pF
1000
100
10
1
10
100
500
1000
RR Resistance (kΩ)
50
5
500
50
RES Delay Time and Recovery Time (tr) vs.
Rf Resistance Characteristics
Reset Pulse Low Time (tRL) vs.
RR Resistance Characteristics
CR = 0.033µF
CR = 0.1µF
CR = 0.47µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com