Electronic Components Datasheet Search
  English  ▼

X  

HA16129AFPJ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HA16129AFPJ
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA16129AFPJ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HA16129AFPJ Datasheet HTML 1Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 2Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 3Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 4Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 5Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 6Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 7Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 8Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
HA16129AFPJ
2
Features
• High-precision output voltage: 5.0 V ± 1.5%
• The WDT supports both frequency and duty detection schemes.
• High-precision power supply monitoring function: 4.625 V ± 0.125 V
• Built-in OUTE function
• All functions can be adjusted with external resistors and/or capacitors.
Pin Arrangement
(Top view)
VCC
STBY
1
2
3
4
5
6
7
8
9
10
P-RUN
Rf
Cf
GND
Voadj
OUTE
20
19
18
17
16
15
14
13
12
11
STBYadj
NMIadj
NMIsns
CONT
CS
VOUT
CRES
RR
CR
RT
RES
NMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com