Electronic Components Datasheet Search
  English  ▼

X  

HA16129AFPJ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HA16129AFPJ
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA16129AFPJ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HA16129AFPJ Datasheet HTML 2Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 3Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 4Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 5Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 6Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 7Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 8Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 9Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
HA16129AFPJ
4
Pin Function
Related
Function
Pin
No.
Symbol
Function
WDT.
1
P-RUN
Watchdog timer pulse input. The auto-reset function is controlled by the
duty cycle or frequency of this input pulse signal.
2
Rf
The resistor connected to this pin determines the current that flows in the
Cf pin capacitor. Use the resistor value from 100 k
Ω to 500 kΩ
3
Cf
The current determined by the Rf pin charges the Cf capacitor and the
potential on this pin determines the watchdog timer frequency band.
t
RH, tRL, tOFF
4R
R
The resistor connected to this pin determines the current that flows in the
C
R pin capacitor. Use the resistor value from 100 kΩ to 500 k Ω
5C
R
The current determined by the R
R pin charges the capacitor CR and the
potential on this pin controls the
RES function (toff, t
RH, and tRL).
t
ON
6R
T
The resistor R
T, which determines only the time tON for the RES function is
connected to this pin. This resistor determines the current that charges the
capacitor C
R for the time t ON . Use the resistor value from 100 kΩ to 500 k Ω
tr, t
RES
7C
RES
The current determined by the Rf pin charges the capacitor C
RES, and the
RES delay times (Tr and T
RES) are determined by the potential of this
capacitor.
—
8
GND
Ground
Vout
9
Voadj
Insert the resistor Roadj if fine adjustment of the regulator output voltage
Vout is required. Leave this pin open if Vout does not need to be changed.
Output
10
OUTE
Output for the OUTE function
Power
supply
11
V
CC
Power supply
Short
detection
12
CS
Connect the overcurrent detection resistor between the CS pin and the V
CC
pin. If this function is not used, short this pin to V
CC. Also, connect this pin
to the emitter of the external transistor.
Vout
13
CONT
Connect this pin to the base of the external transistor.
14
V
OUT
Provides the regulator output voltage and the IC internal power supply.
Connect this pin to the collector of the external transistor.
NMI
15
NMIsns
This pin senses the
NMI detection voltage. If V
CC is to be detected,
connect this pin to the V
CC pin (however, note that an external resistor is
required), and if Vout is to be detected, connect this pin to the V
OUT pin.
16
NMIadj
Insert a resistor if fine adjustment of the
NMI detection voltage is required.
Leave this pin open if fine adjustment is not required.
Output
17
NMI
NMI output
Output
18
RES
RES output
STBY
19
STBYadj
Insert a resistor if fine adjustment of the
STBY detection voltage is
required. Leave this pin open if fine adjustment is not required.
Output
20
STBY
STBY output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com