Electronic Components Datasheet Search
  English  ▼

X  

HA16129AFPJ Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # HA16129AFPJ
Description  Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HA16129AFPJ Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button HA16129AFPJ Datasheet HTML 11Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 12Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 13Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 14Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 15Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 16Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 17Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 18Page - List of Unclassifed Manufacturers HA16129AFPJ Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
HA16129AFPJ
13
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Rating
Unit
Power supply voltage
V
CC
40
V
CS pin voltage
V
CS
V
CC
V
CONT pin current
Icont
20
mA
CONT pin voltage
Vcont
V
CC
V
Vout pin voltage
Vout
12
V
P-RUN pin voltage
V
PRUN
Vout
V
NMIsns pin voltage
V
NMIsns
V
CC
V
NMI pin voltage
V
NMI
Vout
V
STBY pin voltage
V
STBY
Vout
V
RES pin voltage
V
RES
Vout
V
OUTE pin voltage
V
OUTE
Vout
V
Power dissipation
*1
P
T
400
mW
Operating temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−50 to +125
°C
Note:
1. This is the allowable value when mounted on a 40
× 40 × 1.6 mm glass-epoxy printed circuit
board with a mounting density of 10% at ambient temperatures up to Ta = 77
°C. This value must
be derated by 8.3 mW/
°C above that temperature.
400
300
200
100
0
Ambient Temperature Ta (
°C)
77
°C
85
°C
0
20406080
−20
−40
140
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com