Electronic Components Datasheet Search
  English  ▼

X  

MAX9210 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9210
Description  Programmable DC-Balance 21-Bit Deserializers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9210 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9210 Datasheet HTML 4Page - Maxim Integrated Products MAX9210 Datasheet HTML 5Page - Maxim Integrated Products MAX9210 Datasheet HTML 6Page - Maxim Integrated Products MAX9210 Datasheet HTML 7Page - Maxim Integrated Products MAX9210 Datasheet HTML 8Page - Maxim Integrated Products MAX9210 Datasheet HTML 9Page - Maxim Integrated Products MAX9210 Datasheet HTML 10Page - Maxim Integrated Products MAX9210 Datasheet HTML 11Page - Maxim Integrated Products MAX9210 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Programmable DC-Balance
21-Bit Deserializers
8
_______________________________________________________________________________________
IDEAL
MIN
MAX
INTERNAL STROBE
IDEAL
RSKM
RSKM
IDEAL SERIAL BIT TIME
1.3V
1.1V
Figure 4. LVDS Receiver Input Skew Margin
RxOUT_
RxCLK OUT
RCIP
RCOH
RCOL
2.0V
0.8V
2.0V
0.8V
2.0V
2.0V
2.0V
0.8V
0.8V
RHRC
RSRC
Figure 5a. Rising-Edge Output Setup/Hold and High/Low Times
RxOUT_
RxCLK OUT
RCIP
RCOH
RCOL
2.0V
0.8V
2.0V
0.8V
2.0V
2.0V
0.8V
0.8V
0.8V
RHRC
RSRC
Figure 5b. Falling-Edge Output Setup/Hold and High/Low Times
VID = 0
1.5V
RCCD
RxCLK IN
RxCLK OUT
Figure 6a. Rising-Edge Clock-IN to Clock-OUT Delay
RxCLK IN
RxCLK OUT
+
-
RCCD
1.5V
VID = 0
Figure 6b. Falling-Edge Clock-IN to Clock-OUT Delay
90%
90%
10%
10%
CHLT
CLHT
RxOUT_ OR
RxCLK OUT
RxOUT_ OR
RxCLK OUT
8pF
Figure 3. Output Load and Transition Times
PWRDWN
VCC
RxCLK IN
RxCLK OUT
3V
2V
RPLLS
HIGH-Z
Figure 7. Phase-Locked Loop Set Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com