Electronic Components Datasheet Search
  English  ▼

X  

MAX9210 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9210
Description  Programmable DC-Balance 21-Bit Deserializers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9210 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9210 Datasheet HTML 2Page - Maxim Integrated Products MAX9210 Datasheet HTML 3Page - Maxim Integrated Products MAX9210 Datasheet HTML 4Page - Maxim Integrated Products MAX9210 Datasheet HTML 5Page - Maxim Integrated Products MAX9210 Datasheet HTML 6Page - Maxim Integrated Products MAX9210 Datasheet HTML 7Page - Maxim Integrated Products MAX9210 Datasheet HTML 8Page - Maxim Integrated Products MAX9210 Datasheet HTML 9Page - Maxim Integrated Products MAX9210 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Programmable DC-Balance
21-Bit Deserializers
6
_______________________________________________________________________________________
Pin Description
PIN
TSSOP
QFN
NAME
FUNCTION
1, 2, 4, 5, 45, 46, 47
39, 40, 41, 43, 44, 46, 47
RxOUT14–
RxOUT20
Channel 2 Single-Ended Outputs
3, 25, 32, 38, 44
19, 26, 32, 38, 45
GND
Ground
648
DCB/NC
LVTTL/LVCMOS DC-Balance Programming Input:
MAX9210: pulled up to VCC
MAX9212: pulled down to GND
MAX9214: pulled up to VCC
MAX9216: pulled down to GND
MAX9220: pulled up to VCC
MAX9222: pulled up to VCC
See Table 1.
7, 13, 18
1, 7, 12
LVDS GND
LVDS Ground
82
RxIN0-
Inverting Channel 0 LVDS Serial Data Input
93
RxIN0+
Noninverting Channel 0 LVDS Serial Data Input
10
4
RxIN1-
Inverting Channel 1 LVDS Serial Data Input
11
5
RxIN1+
Noninverting Channel 1 LVDS Serial Data Input
12
6
LVDS VCC
LVDS Supply Voltage
14
8
RxIN2-
Inverting Channel 2 LVDS Serial Data Input
15
9
RxIN2+
Noninverting Channel 2 LVDS Serial Data Input
16
10
RxCLK IN-
Inverting LVDS Parallel Rate Clock Input
17
11
RxCLK IN+
Noninverting LVDS Parallel Rate Clock Input
19, 21
13, 15
PLL GND
PLL Ground
20
14
PLL VCC
PLL Supply Voltage
22
16
PWRDWN
5V Tolerant LVTTL/LVCMOS Power-Down Input. Internally
pulled down to GND. Outputs are high impedance when
PWRDWN = low or open.
23
17
RxCLK OUT
Parallel Rate Clock Single-Ended Output.
MAX9210/MAX9212/MAX9214/MAX9216, rising edge
strobe. MAX9220/MAX9222, falling edge strobe.
24, 26, 27, 29, 30, 31, 33
18, 20, 21, 23, 24, 25, 27
RxOUT0–
RxOUT6
Channel 0 Single-Ended Outputs
28, 36, 48
22, 30, 42
VCCO
Output Supply Voltage
34, 35, 37, 39, 40, 41, 43
28, 29, 31, 33, 34, 35, 37
RxOUT7–
RxOUT13
Channel 1 Single-Ended Outputs
42
36
VCC
Digital Supply Voltage
—EPEP
Exposed Paddle. Solder to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com