Electronic Components Datasheet Search
  English  ▼

X  

MAX9210 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9210
Description  Programmable DC-Balance 21-Bit Deserializers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9210 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9210 Datasheet HTML 1Page - Maxim Integrated Products MAX9210 Datasheet HTML 2Page - Maxim Integrated Products MAX9210 Datasheet HTML 3Page - Maxim Integrated Products MAX9210 Datasheet HTML 4Page - Maxim Integrated Products MAX9210 Datasheet HTML 5Page - Maxim Integrated Products MAX9210 Datasheet HTML 6Page - Maxim Integrated Products MAX9210 Datasheet HTML 7Page - Maxim Integrated Products MAX9210 Datasheet HTML 8Page - Maxim Integrated Products MAX9210 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Programmable DC-Balance
21-Bit Deserializers
_______________________________________________________________________________________
5
WORST-CASE PATTERN AND PRBS
SUPPLY CURRENT vs. FREQUENCY
20
30
50
40
80
90
70
60
100
515
20
10
25
30
35
40
FREQUENCY (MHz)
MAX9220
DC-BALANCED MODE
WORST-CASE PATTERN
27 - 1 PRBS
WORST-CASE PATTERN AND PRBS
SUPPLY CURRENT vs. FREQUENCY
20
30
50
40
80
90
70
60
100
515
20
10
25
30
35
40
FREQUENCY (MHz)
MAX9220
NON-DC-BALANCED MODE
WORST-CASE PATTERN
27 - 1 PRBS
WORST-CASE PATTERN SUPPLY CURRENT
vs. FREQUENCY
FREQUENCY (MHz)
65
50
35
20
60
80
100
120
140
160
40
580
MAX9214
DC-BALANCED MODE
WORST-CASE PATTERN SUPPLY CURRENT
vs. FREQUENCY
FREQUENCY (MHz)
75
90
60
30
45
60
80
100
120
160
40
15
140
MAX9214
NON-DC-BALANCED MODE
OUTPUT TRANSITION TIME
vs. OUTPUT SUPPLY VOLTAGE (VCCO)
OUTPUT SUPPLY VOLTAGE (V)
4.5
4.0
3.5
3.0
2
3
4
5
1
2.5
5.0
MAX9214
tF
tR
OUTPUT TRANSITION TIME
vs. OUTPUT SUPPLY VOLTAGE (VCCO)
OUTPUT SUPPLY VOLTAGE (V)
4.5
4.0
3.5
3.0
2
3
4
5
7
6
1
2.5
5.0
tF
tR
MAX9220
Typical Operating Characteristics
(VCC = VCCO = +3.3V, CL = 8pF, PWRDWN = high, differential input voltage VID = 0.2V, input common-mode voltage VCM = 1.2V,
TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com