Electronic Components Datasheet Search
  English  ▼

X  

MAX9210 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9210
Description  Programmable DC-Balance 21-Bit Deserializers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9210 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9210 Datasheet HTML 3Page - Maxim Integrated Products MAX9210 Datasheet HTML 4Page - Maxim Integrated Products MAX9210 Datasheet HTML 5Page - Maxim Integrated Products MAX9210 Datasheet HTML 6Page - Maxim Integrated Products MAX9210 Datasheet HTML 7Page - Maxim Integrated Products MAX9210 Datasheet HTML 8Page - Maxim Integrated Products MAX9210 Datasheet HTML 9Page - Maxim Integrated Products MAX9210 Datasheet HTML 10Page - Maxim Integrated Products MAX9210 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Programmable DC-Balance
21-Bit Deserializers
_______________________________________________________________________________________
7
Detailed Description
The MAX9210/MAX9212/MAX9220 operate at a parallel
clock frequency of 8MHz to 34MHz in DC-balanced
mode and 10MHz to 40MHz in non-DC-balanced
mode. The MAX9214/MAX9216/MAX9222 operate at a
parallel clock frequency of 16MHz to 66MHz in DC-bal-
anced mode and 20MHz to 85MHz in non-DC-bal-
anced mode. The transition times of the single-ended
outputs are increased on the MAX9210/MAX9212/
MAX9220 for reduced EMI.
DC-balanced or non-DC-balanced operation is con-
trolled by the DCB/NC pin (see Table 1 for DCB/NC
default settings and operating modes). In non-DC-bal-
anced mode, each channel deserializes 7 bits every
cycle of the parallel clock. In DC-balanced mode, 9 bits
are deserialized every clock cycle (7 data bits + 2 DC-
balance bits). The highest data rate in DC-balanced
mode for the MAX9214, MAX9216, and MAX9222 is
66MHz x 9 = 594Mbps. In non-DC-balanced mode, the
maximum data rate is 85MHz x 7 = 595Mbps.
DC Balance
Data coding by the MAX9209/MAX9211/MAX9213/
MAX9215 serializers (which are companion devices to
the MAX9210/MAX9212/MAX9214/MAX9216/MAX9220/
MAX9222 deserializers) limits the imbalance of ones
and zeros transmitted on each channel. If +1 is assigned
to each binary 1 transmitted and -1 is assigned to each
binary 0 transmitted, the variation in the running sum of
assigned values is called the digital sum variation
(DSV). The maximum DSV for the data channels is 10.
At most, 10 more zeros than ones, or 10 more ones than
zeros, are transmitted. The maximum DSV for the clock
VCC - 0.3V
VCC
RIN2
RIN1
RxIN_ + OR
RxCLK IN+
RxIN_ - OR
RxCLK IN-
RIN1
RIN1
RxIN_ + OR
RxCLK IN+
RxIN_ - OR
RxCLK IN-
RIN1
NON-DC-BALANCED MODE
DC-BALANCED MODE
1.2V
Figure 1. LVDS Input Circuits
Table 1. DC-Balance Programming
DEVICE
DCB/NC
OUTPUT STROBE
EDGE
OPERATING MODE
OPERATING
FREQUENCY (MHz)
High or open
DC balanced
8 to 34
MAX9210
Low
Rising
Non-DC balanced
10 to 40
High
DC balanced
8 to34
MAX9212
Low or open
Rising
Non-DC balanced
10 to 40
High or open
DC balanced
16 to 66
MAX9214
Low
Rising
Non-DC balanced
20 to 85
High
DC balanced
16 to 66
MAX9216
Low or open
Rising
Non-DC balanced
20 to 85
High or open
DC balanced
8 to 34
MAX9220
Low
Falling
Non-DC balanced
10 to 40
High or open
DC balanced
16 to 66
MAX9222
Low
Falling
Non-DC balanced
20 to 85
RCIP
RxCLK OUT
ODD RxOUT
EVEN RxOUT
RISING EDGE STROBE SHOWN.
Figure 2. Worst-Case Test Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com