Electronic Components Datasheet Search
  English  ▼

X  

MAX9210 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX9210
Description  Programmable DC-Balance 21-Bit Deserializers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9210 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX9210 Datasheet HTML 10Page - Maxim Integrated Products MAX9210 Datasheet HTML 11Page - Maxim Integrated Products MAX9210 Datasheet HTML 12Page - Maxim Integrated Products MAX9210 Datasheet HTML 13Page - Maxim Integrated Products MAX9210 Datasheet HTML 14Page - Maxim Integrated Products MAX9210 Datasheet HTML 15Page - Maxim Integrated Products MAX9210 Datasheet HTML 16Page - Maxim Integrated Products MAX9210 Datasheet HTML 17Page - Maxim Integrated Products MAX9210 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Programmable DC-Balance
21-Bit Deserializers
______________________________________________________________________________________
17
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to
www.maxim-ic.com/packages.)
PROPRIETARY INFORMATION
APPROVAL
TITLE:
DOCUMENT CONTROL NO.
21-0144
PACKAGE OUTLINE
32, 44, 48, 56L THIN QFN, 7x7x0.8mm
1
D
REV.
2
e
L
e
L
A1
A
A2
E/2
E
D/2
D
DETAIL A
D2/2
D2
b
L
k
E2/2
E2
(NE-1) X e
(ND-1) X e
e
CL
CL
CL
CL
k
DALLAS
SEMICONDUCTOR
DETAIL B
e
L
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com