Electronic Components Datasheet Search
  English  ▼

X  

MAX9210 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX9210
Description  Programmable DC-Balance 21-Bit Deserializers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9210 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX9210 Datasheet HTML 10Page - Maxim Integrated Products MAX9210 Datasheet HTML 11Page - Maxim Integrated Products MAX9210 Datasheet HTML 12Page - Maxim Integrated Products MAX9210 Datasheet HTML 13Page - Maxim Integrated Products MAX9210 Datasheet HTML 14Page - Maxim Integrated Products MAX9210 Datasheet HTML 15Page - Maxim Integrated Products MAX9210 Datasheet HTML 16Page - Maxim Integrated Products MAX9210 Datasheet HTML 17Page - Maxim Integrated Products MAX9210 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Programmable DC-Balance
21-Bit Deserializers
14
______________________________________________________________________________________
5V Tolerant Input
PWRDWN is 5V tolerant and is internally pulled down to
GND. DCB/NC is not 5V tolerant. The input voltage
range for DCB/NC is nominally ground to VCC.
Normally, DCB/NC is connected to VCC or ground.
Skew Margin (RSKM)
Skew margin (RSKM) is the time allowed for degrada-
tion of the serial data sampling setup and hold times by
sources other than the deserializer. The deserializer
sampling uncertainty is accounted for and does not
need to be subtracted from RSKM. The main outside
contributors of jitter and skew that subtract from RSKM
are interconnect intersymbol interference, serializer
pulse position uncertainty, and pair-to-pair path skew.
VCCO Output Supply and Power Dissipation
The outputs have a separate supply (VCCO) for interfacing
to systems with 1.8V to 5V nominal input logic levels. The
DC Electrical Characteristics table gives the maximum
supply current for VCCO = 3.6V with 8pF load at several
switching frequencies with all outputs switching in the
worst-case switching pattern. The approximate incremen-
tal supply current for VCCO other than 3.6V with the same
8pF load and worst-case pattern can be calculated using:
II = CTVI 0.5fC x 21 (data outputs)
+ CTVIfC x 1 (clock output)
where:
II = incremental supply current.
CT = total internal (CINT) and external (CL) load capaci-
tance.
VI = incremental supply voltage.
fC = output clock switching frequency.
The incremental current is added to (for VCCO > 3.6V)
or subtracted from (for VCCO < 3.6V) the DC Electrical
Characteristics table maximum supply current. The
internal output buffer capacitance is CINT = 6pF. The
worst-case pattern switching frequency of the data out-
puts is half the switching frequency of the output clock.
In the following example, the incremental supply current is
calculated for VCCO = 5.5V, fC = 34MHz, and CL = 8pF:
VI = 5.5V - 3.6V = 1.9V
CT = CINT + CL = 6pF + 8pF = 14pF
where:
II = CTVI 0.5FC x 21 (data outputs) + CTVIfC x 1 (clock
output).
II = (14pF x 1.9V x 0.5 x 34MHz x 21) + (14pF x 1.9V x
34MHz).
II = 9.5mA + 0.9mA = 10.4mA.
The maximum supply current in DC-balanced mode for
VCC = VCCO = 3.6V at fC = 34MHz is 106mA (from the
DC Electrical Characteristics table). Add 10.4mA to get
the total approximate maximum supply current at VCCO
= 5.5V and VCC = 3.6V.
If the output supply voltage is less than VCCO = 3.6V,
the reduced supply current can be calculated using the
same formula and method.
At high switching frequency, high supply voltage, and
high capacitive loading, power dissipation can exceed
the package power dissipation rating. Do not exceed
the maximum package power dissipation rating. See
the Absolute Maximum Ratings for maximum package
power dissipation capacity and temperature derating.
Rising- or Falling-Edge Output Strobe
The MAX9210/MAX9212/MAX9214/MAX9216 have a
rising-edge output strobe, which latches the parallel
output data into the next chip on the rising edge of
RxCLK OUT. The MAX9220/MAX9222 have a falling-
edge output strobe, which latches the parallel output
data into the next chip on the falling edge of RxCLK
OUT. The deserializer output strobe polarity does not
need to match the serializer input strobe polarity. A
deserializer with rising or falling edge output strobe can
be driven by a serializer with a rising edge input strobe.
RxIN0+
LVDS DATA
RECEIVER 0
RxIN0-
STROBE
DATA
CHANNEL 0
RxOUT0–6
SERIAL-TO-
PARALLEL
CONVERTER
RxIN1+
LVDS DATA
RECEIVER 1
RxIN1-
STROBE
DATA
CHANNEL 1
RxOUT7–13
SERIAL-TO-
PARALLEL
CONVERTER
RxIN2+
LVDS DATA
RECEIVER 2
RxIN2-
STROBE
DATA
CHANNEL 2
RxOUT14–20
SERIAL-TO-
PARALLEL
CONVERTER
RxCLK IN+
LVDS CLOCK
RECEIVER
RxCLK IN-
DCB/NC
7x/9x
PLL
RxCLK OUT
REFERENCE
CLOCK
GENERATOR
PWRDWN
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com