Electronic Components Datasheet Search
  English  ▼

X  

MAX9210 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX9210
Description  Programmable DC-Balance 21-Bit Deserializers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9210 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX9210 Datasheet HTML 10Page - Maxim Integrated Products MAX9210 Datasheet HTML 11Page - Maxim Integrated Products MAX9210 Datasheet HTML 12Page - Maxim Integrated Products MAX9210 Datasheet HTML 13Page - Maxim Integrated Products MAX9210 Datasheet HTML 14Page - Maxim Integrated Products MAX9210 Datasheet HTML 15Page - Maxim Integrated Products MAX9210 Datasheet HTML 16Page - Maxim Integrated Products MAX9210 Datasheet HTML 17Page - Maxim Integrated Products MAX9210 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Programmable DC-Balance
21-Bit Deserializers
16
______________________________________________________________________________________
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to
www.maxim-ic.com/packages.)
PACKAGE OUTLINE, 48L TSSOP, 6.1mm BODY
1
1
21-0155
B
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
PARALLEL PLANES. ONE PLANE IS THE SEATING PLANE, DATUM (-C-), THE OTHER PLANE IS AT THE
SPECIFIED DISTANCE FROM (-C-) IN THE DIRECTION INDICATED.
DIMENSIONS D & E ARE REFERENCE DATUMS AND DO NOT INCLUDE MOLD FLASH.
MOLD FLASH OR PROTRUSIONS NOT TO EXCEED 0.15MM ON D SIDE, AND 0.25MM ON E SIDE.
CONTROLLING DIMENSION: MILLIMETERS.
THIS PART IS COMPLIANT WITH JEDEC SPECIFICATION MO-153, VARIATIONS, ED.
"N" REFERS TO NUMBER OF LEADS.
THE LEAD TIPS MUST LIE WITHIN A SPECIFIED ZONE. THIS TOLERANCE ZONE IS DEFINED BY TWO
NOTES:
1.
2.
3.
4.
5.
6.
;
SECTION C-C
DETAIL A
N
SIDE VIEW
TOP VIEW
CL
2
3
1
H
E
e
D
b
A
A2
A1
BOTTOM VIEW
c
0.25
(
; )
b1
b
c1
BASE METAL
c
END VIEW
SEATING
PLANE
SEE DETAIL A
PARTING
LINE
WITH PLATING
DALLAS
SEMICONDUCTOR
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com