Electronic Components Datasheet Search
  English  ▼

X  

MAX9210 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9210
Description  Programmable DC-Balance 21-Bit Deserializers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9210 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9210 Datasheet HTML 1Page - Maxim Integrated Products MAX9210 Datasheet HTML 2Page - Maxim Integrated Products MAX9210 Datasheet HTML 3Page - Maxim Integrated Products MAX9210 Datasheet HTML 4Page - Maxim Integrated Products MAX9210 Datasheet HTML 5Page - Maxim Integrated Products MAX9210 Datasheet HTML 6Page - Maxim Integrated Products MAX9210 Datasheet HTML 7Page - Maxim Integrated Products MAX9210 Datasheet HTML 8Page - Maxim Integrated Products MAX9210 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Programmable DC-Balance
21-Bit Deserializers
4
_______________________________________________________________________________________
Note 1: Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced to ground
except VTH and VTL.
Note 2: Maximum and minimum limits over temperature are guaranteed by design and characterization. Devices are production
tested at TA = +25°C.
Note 3: AC parameters are guaranteed by design and characterization, and are not production tested. Limits are set at ±6 sigma.
Note 4: CL includes probe and test jig capacitance.
Note 5: RCIP is the period of RxCLK IN. RCOP is the period of RxCLK OUT. RCIP = RCOP.
Note 6: RSKM measured with ≤150ps cycle-to-cycle jitter on RxCLK IN.
AC ELECTRICAL CHARACTERISTICS
(VCC = VCCO = +3.0V to +3.6V, 100mVP-P at 200kHz supply noise, CL = 8pF, PWRDWN = high, DCB/NC = high or low, differential
input voltage |VID| = 0.1V to 1.2V, Input Common Mode Voltage VCM = |VID/2| to 2.4V - |VID/2|, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at VCC = VCCO = +3.3V, |VID| = 0.2V, VCM = 1.25V, TA = 25°C). (Notes 3, 4, 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RxOUT_
3.52
5.04
6.24
MAX9210/
MAX9212/
MAX9220
RxCLK OUT
2.2
3.15
3.9
Output Rise Time
CLHT
0.1VCCO
to
0.9VCCO,
Figure 3
MAX9214/MAX9216/MAX9222
2.2
3.15
3.9
ns
RxOUT_
1.95
3.18
4.35
MAX9210/
MAX9212/
MAX9220
RxCLK OUT
1.3
2.12
2.9
Output Fall Time
CHLT
0.9VCCO
to
0.1VCCO,
Figure 3
MAX9214/MAX9216/MAX9222
1.3
2.12
2.9
ns
8MHz
6600
7044
16MHz
2560
3137
34MHz
900
1327
DC-balanced mode,
Figure 4 (Note 6)
66MHz
330
685
10MHz
6600
7044
20MHz
2500
3300
40MHz
960
1448
RxIN Skew Margin
RSKM
Non-DC-balanced mode,
Figure 4 (Note 6)
85MHz
330
685
ps
RxCLK OUT High Time
RCOH
Figures 5a, 5b
0.35 x
RCOP
ns
RxCLK OUT Low Time
RCOL
Figures 5a, 5b
0.35 x
RCOP
ns
RxOUT Setup to RxCLK OUT
RSRC
Figures 5a, 5b
0.30 x
RCOP
ns
RxOUT Hold from RxCLK OUT
RHRC
Figures 5a, 5b
0.45 x
RCOP
ns
RxCLK IN to RxCLK OUT Delay
RCCD
Figures 6a, 6b
4.9
6.17
8.1
ns
Deserializer Phase-Locked Loop
Set
RPLLS
Figure 7
32800
x RCIP
ns
Deserializer Power-Down Delay
RPDD
Figure 8
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com