Electronic Components Datasheet Search
  English  ▼

X  

AD6673 Datasheet(PDF) 40 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD6673 Datasheet HTML 36Page - Analog Devices AD6673 Datasheet HTML 37Page - Analog Devices AD6673 Datasheet HTML 38Page - Analog Devices AD6673 Datasheet HTML 39Page - Analog Devices AD6673 Datasheet HTML 40Page - Analog Devices AD6673 Datasheet HTML 41Page - Analog Devices AD6673 Datasheet HTML 42Page - Analog Devices AD6673 Datasheet HTML 43Page - Analog Devices AD6673 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Data Sheet
AD6673
Rev. C | Page 39 of 45
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 18 are not currently supported for this device.
Table 18. Memory Map Registers
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x00
Global SPI
config
0
LSB first
Soft reset
1
1
Soft reset
LSB first
0
0x18
0x01
CHIP ID
AD6673 8-bit CHIP ID is 0xBA
0xBA
Read
only
0x02
Chip info
Speed grade
00 = 250 MSPS
Reserved for chip die revision currently
0x0
0x00
0x05
Channel
index
SPI write
to ADC B
path
SPI write to
ADC A path
0x03
0x08
PDWN
modes
External
PDWN
mode;
0 =
PDWN is
full power
down;
1 =
PDWN
puts
device in
standby
JTX in
standby;
0 = 204B
core is
unaffected
in
standby;
1 = 204B
core is
powered
down
except for
PLL during
standby
JESD204B power
modes;
00 = normal mode
(power up);
01 = power-down
mode: PLL off, serializer
off, clocks stopped,
digital held in reset;
10 = standby mode: PLL
on, serializer off, clocks
stopped, digital held in
reset
Chip power modes;
00 = normal mode
(power up);
01 = power-down mode,
digital datapath clocks
disabled, digital datapath
held in reset; most analog
paths powered off;
10 = standby mode;
digital datapath clocks
disabled, digital datapath
held in reset, some
analog paths powered off
[LOCAL]
0x00
0x09
Global clock
Reserved
Clock selection:
00 = Nyquist clock
10 = RF clock divide by 4
11 = clock off
Clock duty
cycle
stabilizer
enable
0x01
DCS
enabled
if clock
divider
enabled
0x0A
PLL status
PLL locked
status
204B link is
ready
Read
only
0x0B
Global clock
divider
Clock divide phase relative to the
encode clock;
0x0 = 0 input clock cycles delayed;
0x1 = 1 input clock cycles delayed;
0x2 = 2 input clock cycles delayed;
…
0x7 = 7 input clock cycles delayed
Clock divider ratio relative to the encode
clock;
0x00 = divide by 1;
0x01 = divide by 2;
0x02 = divide by 3;
…
0x7 = divide by 8;
using a CLKDIV_DIVIDE_RATIO > 0
(Divide Ratio > 1) causes the DCS to be
automatically enabled
0x00
0x0D
Test control
register
User test mode cycle;
00 = repeat pattern
(User Pattern 1, 2, 3, 4, 1,
2, 3, 4, 1, …);
10 = single pattern
(User Pattern 1, 2, 3, 4,
then all zeros)
[LOCAL]
Long
pseudo-
random
number
generator
reset;
0 = long
PRN
enabled;
1 = long
PRN held
in reset
[LOCAL]
Short
pseudo-
random
number
generator
reset;
0 = short
PRN
enabled;
1 = short
PRN held
in reset
[LOCAL]
Data output test generation mode;
0000 = off (normal mode);
0001 = midscale short;
0010 = positive full scale;
0011 = negative full scale;
0100 = alternating checker board;
0101 = PN sequence long;
0110 = PN sequence short;
0111 = 1/0 word toggle;
1000 = user test mode (use with Register 0x0D, Bit 7
and User Pattern 1, 2, 3, 4);
1001 to 1110 = unused;
1111 = ramp output
[LOCAL]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com