Electronic Components Datasheet Search
  English  ▼

X  

AD6673 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6673 Datasheet HTML 6Page - Analog Devices AD6673 Datasheet HTML 7Page - Analog Devices AD6673 Datasheet HTML 8Page - Analog Devices AD6673 Datasheet HTML 9Page - Analog Devices AD6673 Datasheet HTML 10Page - Analog Devices AD6673 Datasheet HTML 11Page - Analog Devices AD6673 Datasheet HTML 12Page - Analog Devices AD6673 Datasheet HTML 13Page - Analog Devices AD6673 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Data Sheet
AD6673
Rev. C | Page 9 of 45
Parameter
Temperature
Min
Typ
Max
Unit
Low Level Output Voltage (V
OL)
Full
I
OL = 1.6 mA
Full
0.2
V
I
OL = 50 µA
Full
0.05
V
1 Pull-up.
2 Pull-down.
SWITCHING SPECIFICATIONS
Table 4.
Parameter
Symbol
Temperature
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Conversion Rate1
f
S
Full
40
250
MSPS
SYSREF± Setup Time to Rising Edge CLK±2
t
REFS
Full
0.31
ns
SYSREF± Hold Time from Rising Edge CLK±2
t
REFH
Full
0
ns
SYSREF± Setup Time to Rising Edge RFCLK2
t
REFSRF
Full
0.50
ns
SYSREF± Hold Time from Rising Edge RFCLK2
t
REFHRF
Full
0
ns
CLK± Pulse Width High
t
CH
Divide-by-1 Mode, DCS Enabled
Full
1.8
2.0
2.2
ns
Divide-by-1 Mode, DCS Disabled
Full
1.9
2.0
2.1
ns
Divide-by-2 Mode Through Divide-by-8 Mode
Full
0.8
ns
Aperture Delay
t
A
Full
1.0
ns
Aperture Uncertainty (Jitter)
t
J
Full
0.16
ps rms
DATA OUTPUT PARAMETERS
Data Output Period or Unit Interval (UI)
Full
L/(20 × M × f
S)
Seconds
Data Output Duty Cycle
25°C
50
%
Data Valid Time
25°C
0.78
UI
PLL Lock Time (t
LOCK)
25°C
25
µs
Wake-Up
Time (Standby)
25°C
10
µs
Time ADC (Power-Down)3
25°C
250
ms
Time Output (Power-Down)4
25°C
50
ms
Subclass 0: SYNCINB± Falling Edge to First Valid K.28
Characters (Delay Required for Rx CGS Start)
Full
5
Multiframes
Subclass 1: SYSREF± Rising Edge to First Valid K.28
Characters (Delay Required for SYNCB± Rising
Edge/Rx CGS Start)
Full
5
Multiframes
CGS Phase K.28 Characters Duration
Full
1
Multiframe
Pipeline Delay
JESD204B M1, L1 Mode (Latency)
Full
36
Cycles5
JESD204B M1, L2 Mode (Latency)
Full
59
Cycles
JESD204B M2, L1 Mode (Latency)
Full
25
Cycles
JESD204B M2, L2 Mode (Latency)
Full
36
Cycles
Additional Pipeline Latency with NSR Enabled
Full
2
Cycles
Fast Detect (Latency)
Full
7
Cycles
Data Rate per Lane
25°C
5.0
Gbps
Uncorrelated Bounded High Probability (UBHP) Jitter
25°C
8
ps
Random Jitter at 5.0 Gbps
25°C
1.7
ps rms
Output Rise/Fall Time
25°C
60
ps
Differential Termination Resistance
25°C
100
Ω
Out-of-Range Recovery Time
Full
3
Cycles
1 Conversion rate is the clock rate after the divider.
2 Refer to Figure 3 for timing diagram.
3 Wake-up time ADC is defined as the time required for the ADC to return to normal operation from power-down mode.
4 Wake-up time output is defined as the time required for JESD204B output to return to normal operation from power-down mode.
5 Cycles refers to ADC conversion rate cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com