Electronic Components Datasheet Search
  English  ▼

X  

AD6673 Datasheet(PDF) 15 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6673 Datasheet HTML 11Page - Analog Devices AD6673 Datasheet HTML 12Page - Analog Devices AD6673 Datasheet HTML 13Page - Analog Devices AD6673 Datasheet HTML 14Page - Analog Devices AD6673 Datasheet HTML 15Page - Analog Devices AD6673 Datasheet HTML 16Page - Analog Devices AD6673 Datasheet HTML 17Page - Analog Devices AD6673 Datasheet HTML 18Page - Analog Devices AD6673 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
AD6673
Data Sheet
Rev. C | Page 14 of 45
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, DVDD = 1.8 V, sample rate is 250 MSPS, DCS enabled, 1.75 V p-p differential input, VIN = −1.0 dBFS,
32k sample, TA = 25°C, link parameters used were M = 2 and L = 2, unless otherwise noted.
–120
–100
–80
–60
–40
–20
0
0
50
FREQUENCY (MHz)
100
fIN: 90.1MHz
fS: 250MSPS
SNR: 66.5dBFS
SFDR: 84dBc
Figure 5. AD6673-250 Single-Tone FFT with fIN = 90.1 MHz
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
50
100
fIN: 185.1MHz
fS: 250MSPS
SNR: 66.2dBFS
SFDR: 84dBc
Figure 6. AD6673-250 Single-Tone FFT with fIN = 185.1 MHz
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
50
100
fIN: 305.1MHz
fS: 250MSPS
SNR: 65.5dBFS
SFDR: 82dBc
Figure 7. AD6673-250 Single-Tone FFT with fIN = 305.1 MHz
0
20
40
60
80
100
120
–100
–80
–60
INPUT AMPLITUDE (dBFS)
–40
–20
0
SFDR (dBFS)
SNR (dBc)
SFDR (dBc)
SNR (dBFS)
Figure 8. AD6673-250 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 185.1 MHz
FREQUENCY (MHz)
60
65
70
75
80
85
90
95
100
0
100
200
300
400
SFDR, CHANNEL B (dBFS)
SFDR, CHANNEL A (dBFS)
SNR, CHANNEL A (dBFS)
SNR, CHANNEL B (dBFS)
Figure 9. AD6673-250 Single-Tone SNR/SFDR vs. Input Frequency (fIN)
INPUT AMPLITUDE (dBFS)
–120
–100
–80
–60
–40
–20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
SFDR (dBc)
SFDR (dBFS)
IMD (dBc)
IMD (dBFS)
Figure 10. AD6673-250 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com