Electronic Components Datasheet Search
  English  ▼

X  

AD6673 Datasheet(PDF) 3 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 3 Page - Analog Devices

  AD6673 Datasheet HTML 1Page - Analog Devices AD6673 Datasheet HTML 2Page - Analog Devices AD6673 Datasheet HTML 3Page - Analog Devices AD6673 Datasheet HTML 4Page - Analog Devices AD6673 Datasheet HTML 5Page - Analog Devices AD6673 Datasheet HTML 6Page - Analog Devices AD6673 Datasheet HTML 7Page - Analog Devices AD6673 Datasheet HTML 8Page - Analog Devices AD6673 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
AD6673
Data Sheet
Rev. C | Page 2 of 45
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 3
General Description ......................................................................... 4
Specifications..................................................................................... 5
ADC DC Specifications............................................................... 5
ADC AC Specifications ............................................................... 6
Digital Specifications ................................................................... 7
Switching Specifications .............................................................. 9
Timing Specifications ................................................................ 10
Absolute Maximum Ratings.......................................................... 11
Thermal Characteristics ............................................................ 11
ESD Caution................................................................................ 11
Pin Configuration and Function Descriptions........................... 12
Typical Performance Characteristics ........................................... 14
Equivalent Circuits ......................................................................... 16
Theory of Operation ...................................................................... 18
ADC Architecture ...................................................................... 18
Analog Input Considerations.................................................... 18
Voltage Reference ....................................................................... 20
Clock Input Considerations...................................................... 20
Power Dissipation and Standby Mode..................................... 23
Noise Shaping Requantizer ........................................................... 24
22% Bandwidth Mode (>40 MHz at 184.32 MSPS) .............. 24
33% Bandwidth Mode (>60 MHz at 184.32 MSPS) .............. 25
Digital Outputs ............................................................................... 26
JESD204B Transmit Top Level Description............................ 26
JESD204B Overview .................................................................. 26
Synchronization.......................................................................... 27
ADC Overrange and Gain Control.......................................... 33
ADC Overrange (OR)................................................................ 33
Gain Switching............................................................................ 33
DC Correction ................................................................................ 35
DC Correction Bandwidth........................................................ 35
DC Correction Readback.......................................................... 35
DC Correction Freeze................................................................ 35
DC Correction (DCC) Enable Bits .......................................... 35
Serial Port Interface (SPI).............................................................. 36
Configuration Using the SPI..................................................... 36
Hardware Interface..................................................................... 36
SPI Accessible Features.............................................................. 37
Memory Map .................................................................................. 38
Reading the Memory Map Register Table............................... 38
Memory Map Register Table..................................................... 39
Memory Map Register Description ......................................... 43
Applications Information .............................................................. 44
Design Guidelines ...................................................................... 44
Outline Dimensions....................................................................... 45
Ordering Guide .......................................................................... 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com