Electronic Components Datasheet Search
  English  ▼

X  

AD6673 Datasheet(PDF) 44 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD6673 Datasheet HTML 38Page - Analog Devices AD6673 Datasheet HTML 39Page - Analog Devices AD6673 Datasheet HTML 40Page - Analog Devices AD6673 Datasheet HTML 41Page - Analog Devices AD6673 Datasheet HTML 42Page - Analog Devices AD6673 Datasheet HTML 43Page - Analog Devices AD6673 Datasheet HTML 44Page - Analog Devices AD6673 Datasheet HTML 45Page - Analog Devices AD6673 Datasheet HTML 46Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Data Sheet
AD6673
Rev. C | Page 43 of 45
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x73
204B
parameters,
subclass/Np
JESD204B subclass;
0x0 = Subclass 0;
0x1 = Subclass 1
(default)
JESD204B N’ value;
0xF = N’ = 16
0x2F
0x74
204B
parameters,
S
Reserved;
set to 1
JESD204B samples per converter frame cycle (S); read only
[Note that this value is in x – 1 format]
0x20
0x75
204B
parameters,
HD and CF
JESD204B
HD value;
read only
JESD204B control words per frame clock cycle per link (CF); read only
0x00
Read
Only
0x76
204B RESV1
Reserved Field Number 1
0x00
0x77
204B RESV2
Reserved Field Number 2
0x00
0x78
204B
CHKSUM0
JESD204B serial checksum value for Lane 0
0x79
204B
CHKSUM1
JESD204B serial checksum value for Lane 1
0x82
204B Lane
Assign 1
00 = assign Logical
Lane 0 to Physical Lane
A [default];
01 = assign Logical
Lane 0 to Physical Lane B
Reserved;
set to 1
Reserved;
set to 0
0x02
0x83
204B Lane
Assign 2
Reserved;
set to 1
Reserved;
set to 1
00 = assign Logical Lane 1
to Physical Lane A;
01 = assign Logical Lane 1
to Physical Lane B
(default)
0x31
0x8B
204B LMFC
offset
Local multiframe clock (LMFC) phase offset value; reset value for
LMFC phase counter when SYSREF is asserted; used for
deterministic delay applications
0x00
0xA8
204B
preemphasis
JESD204B preemphasis enable option (consult factory for more detail);
set value to 0x04 for preemphasis off;
set value to 0x14 for preemphasis on
0x04
Typically
not
required
0xEE
Internal
digital clock
delay
Enable
internal
clock delay
Set to 0
Set to 0
Set to 0
Use incrementing values from 0 to 7 to increase
internal digital clock delay; for internal data latching
purposes, this does not affect external timing
0x00
See the
Synchro-
nization
section
for use
0xEF
Internal
digital clock
delay
Enable
internal
clock delay
Set to 0
Set to 0
Set to 0
Use incrementing values from 0 to 7 to increase
internal digital clock delay; for internal data latching
purposes, this does not affect external timing
0x00
See the
Synchro-
nization
section
for use
0xF3
Internal
digital clock
alignment
Force
manual
realign-
ment on
Lane 1,
self
clearing
Lane 1
alignment
complete
Force
manual
realign-
ment on
Lane 0,
self
clearing
Lane 0
alignment
complete
0x14
See the
Synchro-
nization
section
for use
0xFF
Device
update
(global)
Transfer
settings
MEMORY MAP REGISTER DESCRIPTION
For more information on functions controlled in Register 0x00
to Register 0x25, see the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com